Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 73 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 73 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 69Page - Linear Technology LTC4449 Datasheet HTML 70Page - Linear Technology LTC4449 Datasheet HTML 71Page - Linear Technology LTC4449 Datasheet HTML 72Page - Linear Technology LTC4449 Datasheet HTML 73Page - Linear Technology LTC4449 Datasheet HTML 74Page - Linear Technology LTC4449 Datasheet HTML 75Page - Linear Technology LTC4449 Datasheet HTML 76Page - Linear Technology LTC4449 Datasheet HTML 77Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 108 page
background image
LTC3882-1
73
Rev A
For more information www.analog.com
OPERATION
The OPERATION command is used to turn the PWM channel on and off in conjunction with RUN pin hardware control.
This command may also be used to move the output voltage to margin levels. VOUT changes commanded by OPERATION
margin commands occur at the programmed VOUT_TRANSITION_RATE. The unit stays in the commanded operating
state until an OPERATION command or RUN pin voltage instructs the device to change to another state.
Execution of margin commands is delayed until any on-going TON_RISE or TOFF_FALL output sequencing is com-
pleted. Margin values are affected by AVP function, if enabled. Margin operations that ignore faults are not supported
by the LTC3882-1.
Supported Values:
VALUE
MEANING
0xA8
Margin high.
0x98
Margin low.
0x80
On (VOUT back to nominal even if bit 3 of ON_OFF_CONFIG is not set).
0x40*
Soft off (with sequencing).
0x00*
Immediate off (no sequencing).
*Device does not respond to these commands if bit 3 of ON_OFF_CONFIG is not set.
Programming an unsupported OPERATION value will generate a CML fault and the command will be ignored.
This command has one data byte.
MFR_RESET
This command provides a means to reset the LTC3882-1 from the serial bus. This forces the LTC3882-1 to turn off
both PWM channels, load the operating memory from internal EEPROM, clear all faults and then perform a soft-start
of both PWM channels, if enabled.
This write-only command has no data bytes.
PMBus COMMAND DETAILS (On, Off and Margin Control)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com