Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 8Page - Linear Technology LTC4449 Datasheet HTML 9Page - Linear Technology LTC4449 Datasheet HTML 10Page - Linear Technology LTC4449 Datasheet HTML 11Page - Linear Technology LTC4449 Datasheet HTML 12Page - Linear Technology LTC4449 Datasheet HTML 13Page - Linear Technology LTC4449 Datasheet HTML 14Page - Linear Technology LTC4449 Datasheet HTML 15Page - Linear Technology LTC4449 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 108 page
background image
LTC3882-1
12
Rev A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
VIN(SNS) ADC TUE
VOUT ADC TUE
IOUT ADC TUE
VINSNS (V)
0
0
–1
–3
–5
–7
–2
–4
–6
–8
–9
30
35
38821 G24
40
25
10
20
5
15
VOUT (V)
0.5
0.40
0.30
0.20
0.10
0
–0.10
–0.20
–0.30
–0.40
4.5
38821 G25
1.5
2.5
3.5
5.5
4
1
2
3
5
OUTPUT CURRENT (A)
0
0
2
4
20
38821 G26
–2
–4
–8
5
10
15
–6
8
6
Temperature ADC TUE
SHARE_CLK Frequency vs
Temperature
IC Operating Current vs
Temperature
ACTUAL TEMPERATURE (°C)
–45
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
–5
35 55
38821 G27
–0.6
0.6
0.8
0.2
–25
15
75 95 115
TEMPERATURE (°C)
–50
90
95
100
105
110
–30 –10 10
30
38821 G28
50
70
90 110
31.0
30.8
30.4
30.0
30.6
30.2
29.8
29.4
29.6
38821 G29
TEMPERATURE (°C)
–40
60
80
120
100
20
40
–20
0
VCC = 14V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com