Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 48 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 48 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 44Page - Linear Technology LTC4449 Datasheet HTML 45Page - Linear Technology LTC4449 Datasheet HTML 46Page - Linear Technology LTC4449 Datasheet HTML 47Page - Linear Technology LTC4449 Datasheet HTML 48Page - Linear Technology LTC4449 Datasheet HTML 49Page - Linear Technology LTC4449 Datasheet HTML 50Page - Linear Technology LTC4449 Datasheet HTML 51Page - Linear Technology LTC4449 Datasheet HTML 52Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 108 page
background image
LTC3882-1
48
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
noderiseandfalltimesshouldbeminimized.Thefollowing
PCB design priority list will help ensure proper topology.
1. Place a ground or DC voltage layer between a power
layer and a small-signal layer. Generally, power planes
should be placed on the top layer (4-layer PCB), or top
and bottom layer if more than 4 layers are used. Use
wide/short copper traces for power components and
avoid improper use of thermal relief around power
plane vias to minimize resistance and inductance.
2. Low ESR input capacitors should be placed as close
as possible to switching FET supply and ground con-
nections with the shortest copper traces possible. The
switching FETs must be on the same layer of copper
as the input capacitors with a common topside drain
connection at CIN. Do not attempt to split the input
decoupling for the two channels, as a large resonant
loop can result. Vias should not be used to make these
connections. Avoid blocking forced air flow to the
switching FETs with large size passive components.
3. If using a discrete FET driver, place that IC close to the
switching FET gate terminals, keeping the connecting
traces short to produce clean drive signals. This rule
also applies to driver IC supply and ground pins that
connect to the switching FET source pins. The driver
IC can be placed on the opposite side of the PCB from
the switching FETs.
4. Place the inductor input as close as possible to the
switchingFETs.Minimizethesurfaceareaoftheswitch
node. Make the trace width the minimum needed to
support the maximum output current. Avoid copper
fillsorpours.Avoidrunningtheconnectiononmultiple
copper layers in parallel. Minimize capacitance from
the switch node to any other trace or plane.
5. Place the output current sense resistor (if used) im-
mediately adjacent to the inductor output. PCB traces
for remote voltage and current sense should be run
together back to the LTC3882-1 in pairs with the small-
est spacing possible on any given layer on which they
are routed. Avoid high frequency switching signals
and ideally shield with ground planes. Locate any filter
component on these traces next to the LTC3882-1,
and not at the Kelvin sense location. However, if DCR
sensing is used, place the top resistor (R1, Figure 25)
close to the switch node.
6. Place low ESR output capacitors adjacent to the sense
resistor output and ground. Output capacitor ground
connections must feed into the same copper that con-
nects to the input capacitor ground before connecting
back to system ground.
7. Connection of switching ground to system ground,
small-signalanaloggroundoranyinternalgroundplane
should be single-point. If the system has an internal
system ground plane, a good way to do this is to cluster
viasintoasinglestarpointtomaketheconnection.This
cluster should be located directly beneath the IC GND
paddle, which serves as both analog signal ground and
the negative sense for VOUT1. A useful CAD technique
is to make separate ground nets and use a 0Ω resistor
to connect them to system ground.
8. Place all small-signal components away from high
frequency switching nodes. Place decoupling capaci-
tors for the LTC3882-1 immediately adjacent to the IC.
9. A good rule of thumb for via count in a given high cur-
rent path is to use 0.5A per via. Be consistent when
applying this rule.
10. Copper fills or pours are good for all power connec-
tions except as noted above in rule 3. Copper planes
on multiple layers can also be used in parallel. This
helps with thermal management and lowers trace
inductance, which further improves EMI performance.
Output Current Sensing
The ISENSE+ and ISENSE– pins are high impedance inputs to
internalcurrentcomparators,thecurrent-sharingloopand
telemetry ADC. The common mode range of the current
senseinputsisapproximately0Vto5.5V.Continuouslinear
operation is provided throughout this range. Maximum
differentialcurrentsenseinput(ISENSE+–ISENSE–)is70mV,
including any variation over temperature. These inputs
must be properly connected in the application at all times.
TomaximizeefficiencyatfullloadtheLTC3882-1isdesigned
to sense current through the inductor’s DCR, as shown in
Figure 25. The DCR of the inductor represents the small
amount of DC winding resistance of the copper, which



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com