Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 72 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 72 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 68Page - Linear Technology LTC4449 Datasheet HTML 69Page - Linear Technology LTC4449 Datasheet HTML 70Page - Linear Technology LTC4449 Datasheet HTML 71Page - Linear Technology LTC4449 Datasheet HTML 72Page - Linear Technology LTC4449 Datasheet HTML 73Page - Linear Technology LTC4449 Datasheet HTML 74Page - Linear Technology LTC4449 Datasheet HTML 75Page - Linear Technology LTC4449 Datasheet HTML 76Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 108 page
background image
LTC3882-1
72
Rev A
For more information www.analog.com
ON_OFF_CONFIG
The ON_OFF_CONFIG command specifies the combination of RUNn pin input state and PMBus commands needed to
turn the PWM channel on and off.
Supported Values:
VALUE
MEANING
0x1F
OPERATION value and RUNn pin must both command the device to start/run. Device executes immediate off when commanded off with
the RUN pin.
0x1E
OPERATION value and RUNn pin must both command the device to start/run. Device uses TOFF_ command values when commanded off.
0x17
RUNn pin control with immediate off when commanded off. OPERATION on/off control ignored.
0x16
RUNn pin control using TOFF_ command values when commanded off. OPERATION on/off control ignored.
Programming an unsupported ON_OFF_CONFIG value will generate a CML fault and the command will be ignored.
This command has one data byte.
ON, OFF AND MARGIN CONTROL
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
ON_OFF_CONFIG
0x02 RUN pin and PMBus on/off command
configuration.
R/W Byte
Y
Reg
l
0x1E
OPERATION
0x01 On, off and margin control.
R/W Byte
Y
Reg
l
0x80
MFR_RESET
0xFD Force full reset without removing power.
Send Byte
N
PMBus COMMAND DETAILS (General Device Configuration)
MFR_CONFIG_ALL_LTC3882-1
The MFR_CONFIG_ALL_LTC3882-1 command provides device-level configuration common to multiple LTC PMBus
products.
Bit Definitions:
BIT
MEANING
7
Enable fault logging.
6
Ignore resistor configuration pins. Does not apply to ASEL0 or ASEL1.
5
Disable CML fault for Quick Command message.
4
Disable SYNC output.
3
Enable 255ms PMBus timeout.
2
Require valid PEC for PMBus write.
1
Enable PMBus clock stretching.
0
Execute CLEAR_FAULTS on rising edge of either RUN pin.
If a legal command is received with an invalid PEC, the LTC3882-1 will not execute the command, regardless of the state
of bit 2. If clock stretching is enabled, the LTC3882-1 only uses it as required, generally above SCL rates of 100kHz.
This command has one data byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com