Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 37 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 37 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 33Page - Linear Technology LTC4449 Datasheet HTML 34Page - Linear Technology LTC4449 Datasheet HTML 35Page - Linear Technology LTC4449 Datasheet HTML 36Page - Linear Technology LTC4449 Datasheet HTML 37Page - Linear Technology LTC4449 Datasheet HTML 38Page - Linear Technology LTC4449 Datasheet HTML 39Page - Linear Technology LTC4449 Datasheet HTML 40Page - Linear Technology LTC4449 Datasheet HTML 41Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 108 page
background image
LTC3882-1
37
Rev A
For more information www.analog.com
PMBus COMMAND SUMMARY
Table 6. Abbreviations of Supported Data Formats
PMBus
TERMINOLOGY
SPECIFICATION
REFERENCE
LTC
TERMINOLOGY DEFINITION
EXAMPLE
L11 Linear
Part II ¶7.1
Linear_5s_11s Floating point 16-bit data: value = Y • 2N,
where N = b[15:11] and Y = b[10:0], both
two’s compliment binary integers.
b[15:0] = 0x9807 = 10011_000_0000_0111
value = 7 • 2–13 = 854E-6
L16 Linear VOUT_MODE
Part II ¶8.2
Linear_16u
Floating point 16-bit data: value = Y • 2–12,
where Y = b[15:0], an unsigned integer.
b[15:0] = 0x4C00 = 0100_1100_0000_0000
value = 19456 • 2–12 = 4.75
CF
DIRECT
Part II ¶7.2
varies
16-bit data with a custom format
defined in the detailed PMBus command
description.
Often an unsigned or two’s compliment
integer.
Reg register bits
Part II ¶10.3
Reg
Per-bit meaning defined in detailed PMBus
command description.
PMBus STATUS_BYTE command.
ASC text characters
Part II ¶22.2.1
ASCII
ISO/IEC 8859-1 [A05]
LTC (0x4C5443)
PMBus Commands
Table 7 lists supported PMBus commands and manufac-
turer specific commands. Additional information about
these commands can be found in Revision 1.2 of Part II of
thePMBusPowerSystemManagementProtocolSpecifica-
tionthatcanbefoundathttp://www.pmbus.org/specs.html.
Usersareencouragedtoreferencethatmanual.Exceptions
or manufacturer-specific implementations are detailed in
the tables below. All standard PMBus commands from
0x00 through 0xCF not listed in this table are implicitly
not supported by the LTC3882-1. All commands from
0xD0 through 0xFF not listed in this table are implicitly
reservedbythemanufacturer.TheLTC3882-1mayexecute
additional commands not listed in this table, and these
can change without notice. Reading these unlisted com-
mands is harmless to the operation of the IC. Writes to any
unsupported or reserved command should be avoided, as
they may result in a CML fault and/or undesired operation
of the part.
If PMBus commands are received faster than they are be-
ing processed, the part may become too busy to handle
new commands. In these cases the LTC3882-1 follows the
protocols defined in the PMBus Specification V1.2, Part
II, Section 10.8.7, to communicate that it is busy. This
device includes handshaking features to eliminate busy
responses, simplify error handling software and ensure
robust communication and system behavior. Please refer
to PMBus Communication and Command Processing in
the Applications Information section for further details.
LTC has made an effort to establish PMBus command
compatibility and functional uniformity among its family
of parts. However, differences may occur due to specific
productrequirements.CompatibilityofPMBuscommands
among any ICs should not be assumed based simply on
command name. Always refer to the manufacturer’s data
sheet of each device for a complete definition of a com-
mand function.
Data Formats
PMBus supports specific floating point number formats
and allows for a wide range of other data formats.
Table 6 describes the data formats used by the LTC3882-1.
Abbreviations of these formats appear throughout this
document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com