Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 81 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 81 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 77Page - Linear Technology LTC4449 Datasheet HTML 78Page - Linear Technology LTC4449 Datasheet HTML 79Page - Linear Technology LTC4449 Datasheet HTML 80Page - Linear Technology LTC4449 Datasheet HTML 81Page - Linear Technology LTC4449 Datasheet HTML 82Page - Linear Technology LTC4449 Datasheet HTML 83Page - Linear Technology LTC4449 Datasheet HTML 84Page - Linear Technology LTC4449 Datasheet HTML 85Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 108 page
background image
LTC3882-1
81
Rev A
For more information www.analog.com
VOUT_OV_WARN_LIMIT
The VOUT_OV_WARN_LIMIT command sets the value, in volts, of the output voltage measured by the ADC at the
VSENSE± pins that causes an output overvoltage warning. If the VOUT_OV_WARN_LIMIT is exceeded, the device:
• Sets the VOUT Bit in the STATUS_WORD
• Sets the VOUT Overvoltage Warning Bit in the STATUS_VOUT Command
• Notifies the Host by Asserting ALERT, Unless Masked
This command has two data bytes in Linear_16u format.
VOUT_UV_WARN_LIMIT
The VOUT_UV_WARN_LIMIT command sets the value, in volts, of the output voltage measured by the ADC at the
VSENSE± pins that causes an output undervoltage warning. If the VOUT_UV_WARN_LIMIT is exceeded, the device:
• Sets the VOUT Bit in the STATUS_WORD
• Sets the VOUT Undervoltage Warning Bit in the STATUS_VOUT Command
• Notifies the Host by Asserting ALERT, Unless Masked
This command has two data bytes in Linear_16u format.
VOUT_UV_FAULT_LIMIT
The VOUT_UV_FAULT_LIMIT command sets the value of the output voltage measured by the UV supervisor at the
VSENSE± pins, in volts, which causes an output undervoltage fault.
This command has two data bytes in Linear_16u format.
PMBus COMMAND DETAILS (Output Voltage and Limits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com