Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 83 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 83 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 79Page - Linear Technology LTC4449 Datasheet HTML 80Page - Linear Technology LTC4449 Datasheet HTML 81Page - Linear Technology LTC4449 Datasheet HTML 82Page - Linear Technology LTC4449 Datasheet HTML 83Page - Linear Technology LTC4449 Datasheet HTML 84Page - Linear Technology LTC4449 Datasheet HTML 85Page - Linear Technology LTC4449 Datasheet HTML 86Page - Linear Technology LTC4449 Datasheet HTML 87Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 108 page
background image
LTC3882-1
83
Rev A
For more information www.analog.com
These commands can be used to establish required on/off sequencing for any number of system power supply rails.
MFR_RESTART_DELAY
The MFR_RESTART DELAY command specifies the minimum PWM off time (RUN low) in milliseconds. The LTC3882-1
will actively hold its RUN pin low for this length of time if a falling RUN edge is detected. After this delay, a standard
start-up sequence can be initiated. A minimum of TOFF_DELAY + TOFF_FALL + 136ms is recommended for this com-
mand value. Valid value range is 136ms to 65.52 seconds. The LTC3882-1 uses a resolution of 16ms for this command
and will not produce delays outside of this range.
This command has two data bytes in Linear_5s_11s format.
TON_DELAY
The TON_DELAY command sets the delay, in milliseconds, between a start condition and the beginning of the output
voltage rise. Values from 0ms to 83 seconds are considered valid, and the LTC3882-1 will not produce delays outside
of this range.
This command has two data bytes in Linear_5s_11s format.
TON_RISE
The TON_RISE command sets the desired time, in milliseconds, from the point the output starts to rise until it enters
the regulation band. Values from 0 seconds to 1.3 seconds are considered valid, and the LTC3882-1 will not produce
rise times outside of this range. Values of TON_RISE less than 0.25ms or resulting slopes greater than 4V/ms will
result in an output step to the commanded voltage limited only by PWM analog loop response.
This command has two data bytes in Linear_5s_11s format.
OUTPUT TIMING, DELAYS, AND RAMPING
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
MFR_RESTART_DELAY
0xDC Minimum time RUN pin is held low by the
LTC3882-1.
R/W Word
Y
L11
ms
l
500ms
0xFBE8
TON_DELAY
0x60 Delay from RUN pin or OPERATION on
command to TON_RISE ramp start.
R/W Word
Y
L11
ms
l
0.0ms
0x8000
TON_RISE
0x61 Time for VOUT to rise from 0V to
VOUT_COMMAND after TON_DELAY.
R/W Word
Y
L11
ms
l
8.0ms
0xD200
TON_MAX_FAULT_LIMIT
0x62 Maximum time for VOUT to rise above
VOUT_UV_FAULT_LIMIT after TON_DELAY.
R/W Word
Y
L11
ms
l
10.0ms
0xD280
VOUT_TRANSITION_RATE
0x27 VOUT slew rate for programmed output
changes.
R/W Word
Y
L11
V/ms
l
0.25V/ms
0xAA00
TOFF_DELAY
0x64 Delay from RUN pin or OPERATION off
command to TOFF_FALL ramp start.
R/W Word
Y
L11
ms
l
0.0ms
0x8000
TOFF_FALL
0x65 Time for VOUT to fall to 0V from
VOUT_COMMAND after TOFF_DELAY.
R/W Word
Y
L11
ms
l
8.0ms
0xD200
TOFF_MAX_WARN_LIMIT
0x66 Maximum time for VOUT to decay below
12.5% of VOUT_COMMAND after TOFF_FALL
completes.
R/W Word
Y
L11
ms
l
150ms
0xF258
Related commands: MFR_RETRY_DELAY, STATUS_VOUT, SMBALERT_MASK, TON_MAX_FAULT_RESPONSE, MFR_CHAN_CONFIG_LTC3882-1,
MFR_PWM_MODE_LTC3882-1
PMBus COMMAND DETAILS (Output Timing, Delays, and Ramping)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com