Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 29 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 25Page - Linear Technology LTC4449 Datasheet HTML 26Page - Linear Technology LTC4449 Datasheet HTML 27Page - Linear Technology LTC4449 Datasheet HTML 28Page - Linear Technology LTC4449 Datasheet HTML 29Page - Linear Technology LTC4449 Datasheet HTML 30Page - Linear Technology LTC4449 Datasheet HTML 31Page - Linear Technology LTC4449 Datasheet HTML 32Page - Linear Technology LTC4449 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 108 page
background image
LTC3882-1
29
Rev A
For more information www.analog.com
OPERATION
Table 1. LTC3882-1 Fault Log Contents
RECORD TYPE
STARTING
BYTE
ENDING
BYTE
COMMENTS
Header Information
0
26
See Table 2.
Fault Event Record
27
46
Fault may have occurred
anywhere during this event
record. See byte 4 of Table 2
and all of Table 3 and Table 4.
Event Record N-1
47
66
Last complete cyclical data
read before the fault was
detected.
Event Record N-2
67
86
Older data record.
Event Record N-3
87
106
Event Record N-4
107
126
Event Record N-5
127
146
Oldest recorded data.
Table 2. Fault Log Header Information
RECORD
BITS
FORMAT
BLOCK
BYTE
COUNT DETAILS
Fault Log Preface
[7:0]
ASC
0
Returns LTxx beginning at byte 0 if a partial or complete fault log exists. Word xx is
a factory identifier that may vary part to part.
[7:0]
1
[15:8]
Reg
2
[7:0]
3
Fault Source
[7:0]
Reg
4
Refer to Table 3.
MFR_REAL_TIME
[7:0]
Reg
5
48 bit share-clock counter value when fault occurred (200µs resolution).
[15:8]
6
[23:16]
7
[31:24]
8
[39:32]
9
[47:40]
10
MFR_VOUT_PEAK (PAGE 0)
[15:8]
L16
11
Peak READ_VOUT on Channel 0 since last power-on or CLEAR_PEAKS command.
[7:0]
12
MFR_VOUT_PEAK (PAGE 1)
[15:8]
L16
13
Peak READ_VOUT on Channel 1 since last power-on or CLEAR_PEAKS command.
[7:0]
14
MFR_IOUT_PEAK (PAGE 0)
[15:8]
L11
15
Peak READ_IOUT on Channel 0 since last power-on or CLEAR_PEAKS command.
[7:0]
16
MFR_IOUT_PEAK (PAGE 1)
[15:8]
L11
17
Peak READ_IOUT on Channel 1 since last power-on or CLEAR_PEAKS command.
[7:0]
18
MFR_VIN_PEAK
[15:8]
L11
19
Peak READ_VIN since last power-on or CLEAR_PEAKS command.
[7:0]
20
READ_TEMPERATURE1 (PAGE 0)
[15:8]
L11
21
External temperature sensor 0 during last event.
[7:0]
22
READ_TEMPERATURE1 (PAGE 1)
[15:8]
L11
23
External temperature sensor 1 during last event.
[7:0]
24
READ_TEMPERATURE2
[15:8]
L11
25
Internal temperature sensor during last event.
[7:0]
26
TheMFR_FAULT_LOGcommandusesablockreadprotocol
with a fixed length of 147 bytes. The LTC3882-1 returns a
block byte count of zero if a fault log is not present.
Contents of a fault log are shown in Table 1 through Table
4. Refer to Table 6 for an explanation of data formats. Each
event record represents one complete conversion cycle
through all multiplexed monitor ADC inputs and related
status. The six most recent event records are maintained
in internal memory in reverse chronological order unless
the part is reset. Then the four most recent events are
maintained in EEPROM. When a fault log is created the
present ADC input cycle is completed and the ADC input
being converted at the time of the fault is noted in the log
header record.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com