Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 90 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 90 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 86Page - Linear Technology LTC4449 Datasheet HTML 87Page - Linear Technology LTC4449 Datasheet HTML 88Page - Linear Technology LTC4449 Datasheet HTML 89Page - Linear Technology LTC4449 Datasheet HTML 90Page - Linear Technology LTC4449 Datasheet HTML 91Page - Linear Technology LTC4449 Datasheet HTML 92Page - Linear Technology LTC4449 Datasheet HTML 93Page - Linear Technology LTC4449 Datasheet HTML 94Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 108 page
background image
LTC3882-1
90
Rev A
For more information www.analog.com
MFR_COMMON
The MFR_COMMON command contains status bits that are common to multiple LTC PMBus products.
MFR_COMMON Message Contents:
BIT
MEANING
7
LTC3882-1 not forcing ALERT low.
6
LTC3882-1 not BUSY.
5
LTC3882-1 calculations not pending.
4
LTC3882-1 output not in transition.
3
LTC3882-1 EEPROM initialized.
2
Not supported (LTC3882-1 returns 0).
1
SHARE_CLK timeout.
0
Not supported (LTC3882-1 returns 0).
This read-only command has one data byte.
MFR_INFO
The MFR_INFO command contains additional status bits that are LTC3882-1-specific and may be common to multiple
LTC PSM products.
MFR_INFO Data Contents:
BIT
MEANING
15:6
Reserved.
5
EEPROM ECC status.
0: Corrections have been made in the EEPROM user space.
1: No corrections have been made in the EEPROM user space.
4:0
Reserved
EEPROM ECC status is updated after each RESTORE_USER_ALL or RESET command, a power-on reset or an EEPROM
bulk read operation. This read-only command has two data bytes.
CLEAR_FAULTS
The CLEAR_FAULTS command clears any fault bits that have been set and deasserts (releases) the ALERT pin. This
command clears all bits in all status commands simultaneously.
CLEAR_FAULTS does not cause a channel that has latched off for a fault condition to restart. Channels that are latched
off for a fault condition are restarted when the output is commanded to turn off and then on through the OPERATION
command or RUN pins, or IC supply power is cycled.
If a fault is still present when CLEAR_FAULTS is commanded, that fault bit will immediately be set and ALERT again
asserted low.
This write-only command has no data bytes.
PMBus COMMAND DETAILS (Status Reporting)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com