Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 62 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 62 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 58Page - Linear Technology LTC4449 Datasheet HTML 59Page - Linear Technology LTC4449 Datasheet HTML 60Page - Linear Technology LTC4449 Datasheet HTML 61Page - Linear Technology LTC4449 Datasheet HTML 62Page - Linear Technology LTC4449 Datasheet HTML 63Page - Linear Technology LTC4449 Datasheet HTML 64Page - Linear Technology LTC4449 Datasheet HTML 65Page - Linear Technology LTC4449 Datasheet HTML 66Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 108 page
background image
LTC3882-1
62
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
The LTC3882-1 address is selected based on the program-
ming of the two configuration pins ASEL0 and ASEL1
according to Table 11. ASEL0 programs the bottom four
bits of the device address for the LTC3882-1, and ASEL1
programs the three most-significant bits. Either portion of
theaddresscanalsoberetrievedfromtheMFR_ADDRESS
value in EEPROM. If both pins are left open, the full 7-bit
MFR_ADDRESS value stored in EEPROM is used to deter-
mine the device address. In the 4-phase example above,
it is recommended that one or both ASELn pins on both
parts be programmed to create two unique addresses. The
LTC3882-1 also responds to 7-bit global addresses 0x5A
and 0x5B. MFR_ADDRESS and MFR_RAIL_ADDRESS
should not be set to either of these values.
Table 11. ASELn Resistor Programming
RTOP (kΩ) RBOT (kΩ)
ASEL1
ASEL0
LTC3882-1 DEVICE
ADDRESS BITS[6:4]
LTC3882-1 DEVICE
ADDRESS BITS[3:0]
BINARY
HEX
BINARY
HEX
0 or Open
Open
from EEPROM
from EEPROM
10
23.2
1111
F
10
15.8
1110
E
16.2
20.5
1101
D
16.2
17.4
1100
C
20
17.8
1011
B
20
15
1010
A
20
12.7
1001
9
20
11
1000
8
24.9
11.3
111
7
0111
7
24.9
9.09
110
6
0110
6
24.9
7.32
101
5
0101
5
24.9
5.76
100
4
0100
4
24.9
4.32
011
3
0011
3
30.1
3.57
010
2
0010
2
30.1
1.96
001
1
0001
1
Open
0
000
0
0000
0
Internal Regulator Outputs
The VDD33 pin provides supply current for much of the
internal LTC3882-1 analog circuitry at a nominal value of
3.3V. The LTC3882-1 features an internal linear regulator
that can be used to supply 3.3V to VDD33 from a higher
voltage VCC supply (up to 12V nominal). Use of this LDO is
optional. The LTC3882-1 will also accept an external 3.3V
supply attached to this pin if VCC and VDD33 are shorted. If
the internal 3.3V LDO is used, it can supply a peak current
of 85mA (including internal consumption), and the VDD33
regulator output must be bypassed to GND with a low ESR
X5R or X7R ceramic capacitor with a value of 2.2μF. If an
external source supplies VDD33, a local low ESR bypass
capacitor with a value between 0.01μF and 0.1μF should
be placed directly between the VDD33 and GND pins.
Donotdrawmorethan20mAfromtheinternal3.3Vregula-
tor for the host system, governed by IC power dissipation
asdiscussedinthenextsection.Thislimitincludescurrent
required for external pull up resistors for the LTC3882-1
that are terminated to VDD33.
VDD33 powers a second internal 2.5V LDO whose output
is present on VDD25. This 2.5V supply provides power for
muchoftheinternalprocessorlogicontheLTC3882-1.The
VDD25 output should be bypassed directly to GND with a
low ESR X5R or X7R ceramic capacitor with a value of 1μF
or greater. Do not draw any external system current from
this supply beyond that required for LTC3882-1 specific
configuration resistor dividers.
IC Junction Temperature
The user must ensure that the maximum rated junction
temperatureisnotexceededunderalloperatingconditions.
The thermal resistance of the LTC3882-1 package (θJA)
is 33°C/W, provided the exposed pad is in good thermal
contact with the PCB. The actual thermal resistance in the
applicationwilldependonforcedaircoolingandotherheat
sinking means, especially the amount of copper on the
PCB to which the LTC3882-1 is attached. The following
formula may be used to estimate the maximum average
power dissipation PD (in watts) of the LTC3882-1 when
VCC is supplied externally.
PD = VCC(0.024 + fPWM • 1.6e-5 + IEXT + IRC25)
where:
IEXT = total external load drawn from VDD33, including
local pull-up resistors, in amps
IRC25 = total current drawn from VDD25 by LTC3882-1
configuration resistor dividers, in amps
and the PWM frequency fPWM is given in kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com