Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 94 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 94 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 90Page - Linear Technology LTC4449 Datasheet HTML 91Page - Linear Technology LTC4449 Datasheet HTML 92Page - Linear Technology LTC4449 Datasheet HTML 93Page - Linear Technology LTC4449 Datasheet HTML 94Page - Linear Technology LTC4449 Datasheet HTML 95Page - Linear Technology LTC4449 Datasheet HTML 96Page - Linear Technology LTC4449 Datasheet HTML 97Page - Linear Technology LTC4449 Datasheet HTML 98Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 108 page
background image
LTC3882-1
94
Rev A
For more information www.analog.com
FAULT RESPONSE AND COMMUNICATION
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
VIN_OV_FAULT_RESPONSE
0x56 VIN overvoltage fault response.
R/W Byte
Y
Reg
l
0x80
VOUT_OV_FAULT_RESPONSE
0x41 VOUT overvoltage fault response.
R/W Byte
Y
Reg
l
0xB8
VOUT_UV_FAULT_RESPONSE
0x45 VOUT undervoltage fault response.
R/W Byte
Y
Reg
l
0xB8
IOUT_OC_FAULT_RESPONSE
0x47 Output overcurrent fault response.
R/W Byte
Y
Reg
l
0x00
OT_FAULT_RESPONSE
0x50 External overtemperature fault response.
R/W Byte
Y
Reg
l
0xB8
UT_FAULT_RESPONSE
0x54 External undertemperature fault response.
R/W Byte
Y
Reg
l
0xB8
MFR_OT_FAULT_RESPONSE
0xD6 Internal overtemperature fault response.
R/W Byte
N
Reg
l
0xC0
TON_MAX_FAULT_RESPONSE
0x63 Fault response when
TON_MAX_FAULT_LIMIT is exceeded.
R/W Byte
Y
Reg
l
0xB8
MFR_RETRY_DELAY
0xDB Minimum time before retry after a fault.
R/W Word
N
L11
ms
l
350ms
0xFABC
SMBALERT_MASK
0x1B Mask ALERT Activity.
Block R/W
Y
Reg
l
See CMD
Details
MFR_FAULT_PROPAGATE_
LTC3882-1
0xD2 Configure status propagation via FAULT
n
pins.
R/W Word
Y
Reg
l
0x6993
MFR_FAULT_RESPONSE
0xD5 PWM response when FAULT
n pin is low.
R/W Byte
Y
Reg
l
0xC0
MFR_FAULT_LOG
0xEE Read fault log data.
R Block
N
Reg
MFR_FAULT_LOG_CLEAR
0xEC Clear existing EEPROM fault log.
Send Byte
N
Related commands: STATUS_BYTE, STATUS_WORD, MFR_PADS_LTC3882-1, MFR_RESTART_DELAY, MFR_CHAN_CONFIG_LTC3882-1, MFR_FAULT_
LOG_STORE, CLEAR_FAULTS
Thesecommandsdetailprogrammabledeviceresponsesfordetectedfaultsbeyondthehardware-levelactionsdescribed
in the Operations section. LTC3882-1 hardware-level fault responses cannot be modified. Refer to Table 1 to Table 4
for details of fault log contents. PMBus warning event responses are listed under _WARN_LIMIT command details.
VIN_OV_FAULT_RESPONSE
The VIN_OV_FAULT_RESPONSE command instructs the device on what action to take in response to an input overvolt-
age fault. The format for this command is given in Table 13. The device also:
• Sets the INPUT Bit in the STATUS_WORD
• Sets the VIN Overvoltage Fault Bit in the STATUS_INPUT Command
• Notifies the Host by Asserting ALERT, Unless Masked
This command has one data byte.
PMBus COMMAND DETAILS (Fault Response and Communication)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com