Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 13Page - Linear Technology LTC4449 Datasheet HTML 14Page - Linear Technology LTC4449 Datasheet HTML 15Page - Linear Technology LTC4449 Datasheet HTML 16Page - Linear Technology LTC4449 Datasheet HTML 17Page - Linear Technology LTC4449 Datasheet HTML 18Page - Linear Technology LTC4449 Datasheet HTML 19Page - Linear Technology LTC4449 Datasheet HTML 20Page - Linear Technology LTC4449 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 108 page
background image
LTC3882-1
17
Rev A
For more information www.analog.com
OPERATION
• Operating Condition Telemetry
• PhaseLockedLoopforSynchronousPolyPhaseOpera-
tion (2, 3, 4, 6, or 8 phases)
• Fully Differential Load Sense
• Non-Volatile Configuration Memory with ECC
• Optional External Configuration Resistors for Key Op-
erating Parameters
• Optional Time-Base Interconnect for Synchronization
Between Multiple Controllers
• Fault Event Data Logging
• Capable of Standalone Operation with Default Factory
Configuration
• PMBus Revision 1.2 Compliant Interface up to 400kHz
The PMBus interface provides access to important power
management data during system operation including:
• Average Input Voltage
• Average Output Voltages
• Average Output Currents
• Average PWM Duty Cycles
• Internal LTC3882-1 Temperature
• External Sensed Temperatures
• Warning and Fault Status, Including Input and Output
Undervoltage and Overvoltage
The LTC3882-1 supports four serial bus addressing
schemestoaccesstheindividualPWMchannelsseparately
or jointly.
Fault communication, reporting and system response
behavior are fully configurable. Two fault I/Os are pro-
vided (FAULT0, FAULT1) that can be controlled indepen-
dently. A separate ALERT pin also provides for a maskable
SMBALERT#. Fault responses for each channel may be
individually programmed, depending on the fault type.
PMBus status commands allow fault reporting over the
serial bus to identify a specific fault event.
Main Control Loop
The LTC3882-1 utilizes constant frequency voltage mode
control with leading-edge modulation. This provides
improved response to a load step increase, especially at
larger VIN/VOUT ratios found in the low voltage, high cur-
rent solutions demanded by modern digital subsystems.
The LTC3882-1 leading-edge modulation architecture
does not have a minimum on-time requirement. Minimum
duty cycle will be determined by performance limits of
the external power stage. The IC is also capable of active
voltage positioning (AVP) to afford the smallest output
capacitors possible for a given output voltage accuracy
over the anticipated full load range. The LTC3882-1 error
amplifiers have high bandwidth, low offset and low out-
put impedance, allowing the control loop compensation
network to be optimized for very high crossover frequen-
cies and excellent transient response. The controller also
achieves outstanding line transient response by using
inputfeedforwardcompensationtoinstantaneouslyadjust
PWM duty cycle and significantly reduce output under/
overshootduringsupplyvoltagechanges.Thisalsohasthe
added advantage of making the DC loop gain independent
of input voltage.
The main PWM control loop used for each channel is
illustrated in Figure 1. During normal operation the top
MOSFET (power switch) driving choke L1 is commanded
off when the clock for that channel resets the RS latch.
The power switch is commanded back on when the main
PWM comparator VC, sets the RS latch. The error ampli-
fier EA output (COMP) controls the PWM duty cycle to
match the FB voltage to the EA positive terminal voltage
in steady state. A patented circuit adjusts this output for
VINSNS line feedforward.
The positive terminal of the EA is connected to the output
of a 12-bit DAC with values ranging from 0V to 1.024V. The
DAC value is determined by the resistor configuration pins
detailedinapplicationTable8,byvaluesretrievedfrominter-
nal EEPROM, or by a combination of PMBus commands to
synthesizethedesiredoutputvoltage.Refertothefollowing
PMBusCommandDetailssectionofthisdocumentformore
information. The LTC3882-1 supports two output ranges.
EA can regulate the output voltage to 5.5x the DAC output
(Range 0) or 2.75x the DAC output (Range 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com