Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 74 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 74 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 70Page - Linear Technology LTC4449 Datasheet HTML 71Page - Linear Technology LTC4449 Datasheet HTML 72Page - Linear Technology LTC4449 Datasheet HTML 73Page - Linear Technology LTC4449 Datasheet HTML 74Page - Linear Technology LTC4449 Datasheet HTML 75Page - Linear Technology LTC4449 Datasheet HTML 76Page - Linear Technology LTC4449 Datasheet HTML 77Page - Linear Technology LTC4449 Datasheet HTML 78Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 108 page
background image
LTC3882-1
74
Rev A
For more information www.analog.com
FREQUENCY_SWITCH
The FREQUENCY_SWITCH command sets the switching frequency of both LTC3882-1 PWM channels in kilohertz. At
most only one IC sharing SYNC should be programmed as clock master. See bit 4 in MFR_CONFIG_ALL_LTC3882-1.
FREQUENCY_SWITCH value will determine the free-running frequency of PWM operation if an expected external clock
source is not present or the bussed SYNC line becomes stuck due an external fault or conflict. Both PWM channels
must be turned off by the RUNn pins, OPERATION command, or their combination, to process this command. If this
command is sent while either PWM controller is operating, the LTC3882-1 will NACK the command byte, ignore the
command and its data, and assert a BUSY fault. A PLL Unlocked status may be reported after changing the value of
this command until the new frequency is established.
Supported Frequencies:
VALUE
PWM FREQUENCY (TYPICAL)
0x0A71
1.25MHz
0x03E8
1MHz
0x0384
900kHz
0x02EE
750kHz
0x0258
600kHz
0xFBE8
500kHz
0xFB84
450kHz
0xFB20
400kHz
0xFABC
350kHz
0XFA58
300kHz
0xF3E8
250kHz
0x0000
External SYNC Only
This command has two data bytes in Linear_5s_11s format.
PWM CONFIGURATION
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
FREQUENCY_SWITCH
0x33 PWM frequency control.
R/W Word
N
L11
kHz
l
500kHz
0xFBE8
MFR_PWM_CONFIG_LTC3882-1
0xF5 LTC3882-1 PWM configuration common to
both channels.
R/W Byte
N
Reg
l
0x14
MFR_CHAN_CONFIG_LTC3882-1
0xD0 LTC3882-1 channel-specific configuration.
R/W Byte
Y
Reg
l
0x1D
MFR_PWM_MODE_LTC3882-1
0xD4 LTC3882-1 channel-specific PWM mode
control.
R/W Byte
Y
Reg
l
0xC8
Related commands MFR_TEMP_1_GAIN_ADJUST, MFR_TEMP_1_OFFSET.
PMBus COMMAND DETAILS (PWM Configuration)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com