Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 55 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 55 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 51Page - Linear Technology LTC4449 Datasheet HTML 52Page - Linear Technology LTC4449 Datasheet HTML 53Page - Linear Technology LTC4449 Datasheet HTML 54Page - Linear Technology LTC4449 Datasheet HTML 55Page - Linear Technology LTC4449 Datasheet HTML 56Page - Linear Technology LTC4449 Datasheet HTML 57Page - Linear Technology LTC4449 Datasheet HTML 58Page - Linear Technology LTC4449 Datasheet HTML 59Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 108 page
background image
LTC3882-1
55
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
3. Set MFR_VOUT_AVP to a percentage that produces the
desired output excursion as a function of current.
For example, if the goal is to allow a 2.5% output change
on a 3.3V 6-phase supply rated at 120A during an output
load step from 20% to 80%, the following parameters
should be programmed.
Firstsetanoutputcurrentwarninglevelforthemaster(one
of six phases) just slightly higher than the rated full load
to avoid spurious warnings. Typically this same setting
would also be applied to the five slave phases.
IOUT_OC_WARN_LIMIT = 1.1 • 120A/6 = 22A
The open circuit output voltage calculation for the master
phase must reflect that the AVP specification in this case
only covers an output load swing of 60%.
VOUT_COMMAND = 3.3V(1 + 0.5 • 0.025/0.6)
= 3.3687V
The AVP calculation must then account for the fact that
IOUT_OC_WARN_LEVEL is set higher than the 100%
load point.
MFR_VOUT_AVP =
100% •1.1• 2 • 3.3687 – 3.3
(
)
3.3687
= 4.487%
With the output voltage at 3.3V at 50% load these set-
tings will move VOUT from approximately 3.34V to about
3.26V when the output load of the rail moves from 24A
to 96A. Note that VOUT will drop to 3.23V at full load in
this design example.
Digital output servo mode is automatically disabled if
AVP is enabled on a master phase. AVP is active during
all output ramping when enabled (e.g., a TON_RISE se-
quence). AVP is disabled on master phases by program-
ming MFR_VOUT_AVP to 0.0% (factory default). AVP is
automatically disabled on phases configured as slaves
(FB tied to VDD33).
Because of related ISENSE input offsets, increased output
voltage error can occur at all operating currents when AVP
is engaged. To minimize this error a calibration offset can
be added to the master phase VOUT_COMMAND value
based on the READ_VOUT value obtained when operat-
ing at a known output current of at least 20% of full load
(READ_IOUT). The necessary correction, which will typi-
cally be less than several percent of the no load output
voltage, is calculated as:
VOS = VOUT_COMMAND
• 1–
MFR_VOUT_AVP •READ_IOUT
100 •IOUT_OC_WARN_LIMIT
⎛
⎝⎜
⎞
⎠⎟
– READ_VOUT
PWM Frequency Synchronization
The LTC3882-1 incorporates an internal phase-locked
loop (PLL) which enables synchronization of both PWM
channels (falling edge PWM) to an external CMOS clock
from 250kHz to 1.25MHz. The PLL is locked to the falling
edge of the SYNC pin clock signal. This PLL also generates
very accurate channel phase relationships which can be
selected with the MFR_PWM_CONFIG_LTC3882-1 com-
mand. For PolyPhase applications, all phases should be
spaced evenly in the phase diagram for best results. For
instance, a 4-phase system should use a separation of
90° between channels.
The PLL has a lock detection circuit. If the PLL should lose
lockduringoperation,bit4oftheSTATUS_MFR_SPECIFIC
command is asserted and the ALERT pin is pulled low,
unless masked. The fault can be cleared by writing a 1 to
STATUS_MFR_SPECIFIC bit 4. A spurious ALERT for an
unlocked PLL may occur at start-up or during a reset if
this fault is not masked.
Neither PWM channel will transition from off to the RUN
state until PLL lock is indicated. When transitioning a
channel from off to RUN, bit 4 of STATUS_MFR_SPECIFIC
will be set if the PWM ramp generator for that channel
is not also locked to the desired PLL output frequency.
If the SYNC pin is not externally clocked in the application,
the PWMs will operate at the frequency specified by a non-
zero FREQUENCY_SWITCH command. If that command
is set to 0x0000 (external clock only) in EEPROM or with
RCONFIG (FREQ_CFG pin grounded), then at power-up,
or MFR_RESET, or RESTORE_USER_ALL, the PWM will
not start without an external clock input. If the external
clock is lost while programmed for external clock only, or
if the PWM is simply switched to this setting under power
with no external clock present, the PLL will start/run at



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com