Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 103 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 103 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 99Page - Linear Technology LTC4449 Datasheet HTML 100Page - Linear Technology LTC4449 Datasheet HTML 101Page - Linear Technology LTC4449 Datasheet HTML 102Page - Linear Technology LTC4449 Datasheet HTML 103Page - Linear Technology LTC4449 Datasheet HTML 104Page - Linear Technology LTC4449 Datasheet HTML 105Page - Linear Technology LTC4449 Datasheet HTML 106Page - Linear Technology LTC4449 Datasheet HTML 107Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 108 page
background image
LTC3882-1
103
Rev A
For more information www.analog.com
PMBus COMMAND DETAILS (EEPROM User Access)
MFR_ID
The MFR_ID command returns the manufacturer ID of the LTC3882-1 using 8-bit ASCII characters.
This read-only command is in block format.
MFR_MODEL
The MFR_MODEL command returns the LTC part number using 8-bit ASCII characters.
This read-only command is in block format.
MFR_SERIAL
The MFR_SERIAL command returns the serial number of this specific device using a maximum of fourteen 8-bit ASCII
characters.
This read-only command is in block format.
MFR_SPECIAL_ID
The MFR_SPECIAL_ID command returns a 16-bit word representing the part name. 0x424X denotes the part is a
LTC3882-1. X is adjustable by the manufacturer. This read-only command has 2 data bytes.
UNIT IDENTIFICATION
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
MFR_ID
0x99 Manufacturer identification.
R String
N
ASC
LTC
MFR_MODEL
0x9A LTC model number.
R String
N
ASC
LTC3882-1
MFR_SERIAL
0x9E Device serial number.
R Block
N
Reg
MFR_SPECIAL_ID
0xE7 Manufacturer code representing the LTC3882-1
R Word
N
Reg
0x424X
PMBus COMMAND DETAILS (Unit Identification)
MFR_FAULT_LOG_STORE
TheMFR_FAULT_LOG_STOREcommandforcesadatalogtobewrittentointernalEEPROMasifafaulteventhadoccurred.
This command will generate a CML fault if the Enable Fault Logging bit is cleared in MFR_CONFIG_ALL_LTC3882-1.
This write-only command has no data bytes.
MFR_EE_xxxx
TheMFR_EE_xxxxcommandsfacilitatebulkprogrammingoftheLTC3882-1internalEEPROM.Contactthefactoryfordetails.
USER_DATA_0x
The USER_DATA_0x commands provide uncommitted EEPROM locations that may be applied as system scratchpad
space. USER_DATA_00 and USER_DATA_01 should not be modified when using the LTpowerPlay GUI. Some contract
manufacturers also reserve use of USER_DATA_02 for their own inventory control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com