Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 172 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 172 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 168Page - Advanced Micro Devices CS5530A Datasheet HTML 169Page - Advanced Micro Devices CS5530A Datasheet HTML 170Page - Advanced Micro Devices CS5530A Datasheet HTML 171Page - Advanced Micro Devices CS5530A Datasheet HTML 172Page - Advanced Micro Devices CS5530A Datasheet HTML 173Page - Advanced Micro Devices CS5530A Datasheet HTML 174Page - Advanced Micro Devices CS5530A Datasheet HTML 175Page - Advanced Micro Devices CS5530A Datasheet HTML 176Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 259 page
background image
172
AMD Geode™ CS5530A Companion Device Data Book
Register Descriptions
Revision 1.1
Index 98h-99h
Primary Hard Disk Idle Timer Count Register (R/W)
Reset Value = 0000h
15:0
Primary Hard Disk Idle Timer Count: The idle timer loaded from this register is used to determine when the primary hard
disk is not in use so that it can be powered down. The 16-bit value programmed here represents the period of primary hard
disk inactivity after which the system is alerted via an SMI. The timer is automatically reloaded with the count value when-
ever an access occurs to the configured primary hard disk’s data port (configured in F0 Index 93h[5]). The timer uses a 1
second timebase.
To enable this timer set F0 Index 81h[0] = 1.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[0].
Index 9Ah-9Bh
Floppy Disk Idle Timer Count Register (R/W)
Reset Value = 0000h
15:0
Floppy Disk Idle Timer Count: The idle timer loaded from this register is used to determine when the floppy disk drive is
not in use so that it can be powered down. The 16-bit value programmed here represents the period of floppy disk drive
inactivity after which the system is alerted via an SMI. The timer is automatically reloaded with the count value whenever an
access occurs to any of I/O Ports 3F2h, 3F4h, 3F5h, and 3F7h (primary) or 372h, 374h, 375h, and 377h (secondary). The
timer uses a 1 second timebase.
To enable this timer set F0 Index 81h[1] = 1.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[1].
Index 9Ch-9Dh
Parallel / Serial Idle Timer Count Register (R/W)
Reset Value = 0000h
15:0
Parallel / Serial Idle Timer Count: The idle timer loaded from this register is used to determine when the parallel and serial
ports are not in use so that the ports can be power managed. The 16-bit value programmed here represents the period of
inactivity for these ports after which the system is alerted via an SMI. The timer is automatically reloaded with the count
value whenever an access occurs to the parallel (LPT) or serial (COM) I/O address spaces. If the mouse is enabled on a
serial port, that port is not considered here. The timer uses a 1 second timebase.
To enable this timer set F0 Index 81h[2] = 1.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[2].
Index 9Eh-9Fh
Keyboard / Mouse Idle Timer Count Register (R/W)
Reset Value = 0000h
15:0
Keyboard / Mouse Idle Timer Count: The idle timer loaded from this register determines when the keyboard and mouse
are not in use so that the LCD screen can be blanked. The 16-bit value programmed here represents the period of inactivity
for these ports after which the system is alerted via an SMI. The timer is automatically reloaded with the count value when-
ever an access occurs to either the keyboard or mouse I/O address spaces, including the mouse serial port address space
when a mouse is enabled on a serial port. The timer uses a 1 second timebase.
To enable this timer set F0 Index 81h[3] = 1.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[3].
Index A0h-A1h
User Defined Device 1 Idle Timer Count Register (R/W)
Reset Value = 0000h
15:0
User Defined Device 1 (UDEF1) Idle Timer Count: The idle timer loaded from this register determines when the device
configured as UDEF1 is not in use so that it can be power managed. The 16-bit value programmed here represents the
period of inactivity for this device after which the system is alerted via an SMI. The timer is automatically reloaded with the
count value whenever an access occurs to memory or I/O address space configured at F0 Index C0h (base address regis-
ter) and F0 Index CCh (control register). The timer uses a 1 second timebase.
To enable this timer set F0 Index 81h[4] = 1.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[4].
Index A2h-A3h
User Defined Device 2 Idle Timer Count Register (R/W)
Reset Value = 0000h
15:0
User Defined Device 2 (UDEF2) Idle Timer Count: The idle timer loaded from this register determines when the device
configured as UDEF2 is not in use so that it can be power managed. The 16-bit value programmed here represents the
period of inactivity for this device after which the system is alerted via an SMI. The timer is automatically reloaded with the
count value whenever an access occurs to memory or I/O address space configured at F0 Index C4h (base address regis-
ter) and F0 Index CDh (control register). The timer uses a 1 second timebase.
To enable this timer set F0 Index 81h[5] = 1.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[5].
Table 5-15. F0 Index xxh: PCI Header and Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com