Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 173 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 173 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 169Page - Advanced Micro Devices CS5530A Datasheet HTML 170Page - Advanced Micro Devices CS5530A Datasheet HTML 171Page - Advanced Micro Devices CS5530A Datasheet HTML 172Page - Advanced Micro Devices CS5530A Datasheet HTML 173Page - Advanced Micro Devices CS5530A Datasheet HTML 174Page - Advanced Micro Devices CS5530A Datasheet HTML 175Page - Advanced Micro Devices CS5530A Datasheet HTML 176Page - Advanced Micro Devices CS5530A Datasheet HTML 177Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
173
Register Descriptions
Revision 1.1
Index A4h-A5h
User Defined Device 3 Idle Timer Count Register (R/W)
Reset Value = 0000h
15:0
User Defined Device 3 (UDEF3) Idle Timer Count: The idle timer loaded from this register determines when the device
configured as UDEF3 is not in use so that it can be power managed. The 16-bit value programmed here represents the
period of inactivity for this device after which the system is alerted via an SMI. The timer is automatically reloaded with the
count value whenever an access occurs to memory or I/O address space configured at F0 Index C8h (base address regis-
ter) and F0 Index CEh (control register). The timer uses a 1 second timebase.
To enable this timer set F0 Index 81h[6] = 1.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[6].
Index A6h-A7h
Video Idle Timer Count Register (R/W)
Reset Value = 0000h
15:0
Video Idle Timer Count: The idle timer loaded from this register determines when the graphics subsystem has been idle as
part of the Suspend determination algorithm. The 16-bit value programmed here represents the period of video inactivity
after which the system is alerted via an SMI. The count in this timer is automatically reset whenever an access occurs to the
graphics controller space. The timer uses a 1 second timebase.
In a GX1 processor based system the graphics controller is embedded in the CPU, so video activity is communicated to the
CS5530A via the serial connection (PSERIAL register, bit 0) from the processor. The CS5530A also detects accesses to
standard VGA space on PCI (3Bxh, 3Cxh, 3Dxh and A000h-B7FFh) in the event an external VGA controller is being used.
To enable this timer set F0 Index 81h[7] = 1.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[7].
Index A8h-A9h
Video Overflow Count Register (R/W)
Reset Value = 0000h
15:0
Video Overflow Count: Each time the Video Speedup timer (F0 Index 8Dh) is triggered, a 100 ms timer is started. If the
100 ms timer expires before the Video Speedup timer lapses, the Video Overflow Count Register increments and the 100
ms timer re-triggers. Software clears the overflow register when new evaluations are to begin. The count contained in this
register may be combined with other data to determine the type of video accesses present in the system.
Index AAh-ABh
Reserved
Reset Value = xxh
Index ACh-ADh
Secondary Hard Disk Idle Timer Count Register (R/W)
Reset Value = 0000h
15:0
Secondary Hard Disk Idle Timer Count: The idle timer loaded from this register is used to determine when the secondary
hard disk is not in use so that it can be powered down. The 16-bit value programmed here represents the period of second-
ary hard disk inactivity after which the system is alerted via an SMI. The timer is automatically reloaded with the count value
whenever an access occurs to the configured secondary hard disk’s data port (configured in F0 Index 93h[4]). The timer
uses a 1 second timebase.
To enable this timer set F0 Index 83h[7] = 1.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 86h/F6h[4].
Index AEh
CPU Suspend Command Register (WO)
Reset Value = 00h
7:0
Software CPU Suspend Command (Write Only): If bit 0 in the Clock Stop Control Register is set low (F0 Index BCh[0] =
0) and all SMI status bits are 0, a write to this register causes a SUSP#/SUSPA# handshake with the CPU, placing the CPU
in a low-power state. The data written is irrelevant. Once in this state, any unmasked IRQ or SMI releases the CPU halt con-
dition.
If F0 Index BCh[0] = 1, writing to this register invokes a full system Suspend. In this case, the SUSP_3V pin is asserted after
the SUSP#/SUSPA# halt. Upon a Resume event (see Note), the PLL delay programmed in the F0 Index BCh[7:4] is invoked,
allowing the clock chip and CPU PLL to stabilize before deasserting the SUSP# pin.
Note: If the clocks are stopped, the external IRQ4 and IRQ3 pins, when enabled (F3BAR+Memory Offset 1Ah[4:3]), are the
only IRQ pins that can be used as a Resume event. If GPIO2, GPIO1, and GPIO0 are enabled as an external SMI
source (F0 Index 92h[2:0]), they too can be used as a Resume event. No other CS5530A pins can be used to wake-
up the system from Suspend when the clocks are stopped. As long as the 32 KHz clock remains active, internal SMI
events are also Resume events.
Table 5-15. F0 Index xxh: PCI Header and Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com