Electronic Components Datasheet Search
  English  ▼

X  

WM8983 Datasheet(PDF) 44 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 40Page - Cirrus Logic WM8983 Datasheet HTML 41Page - Cirrus Logic WM8983 Datasheet HTML 42Page - Cirrus Logic WM8983 Datasheet HTML 43Page - Cirrus Logic WM8983 Datasheet HTML 44Page - Cirrus Logic WM8983 Datasheet HTML 45Page - Cirrus Logic WM8983 Datasheet HTML 46Page - Cirrus Logic WM8983 Datasheet HTML 47Page - Cirrus Logic WM8983 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 129 page
background image
WM8983
44
Rev 4.6
DIGITAL ADC VOLUME CONTROL
The output of the ADCs can be digitally attenuated over a range from
–127dB to 0dB in 0.5dB steps.
The gain for a given eight-bit code X is given by:
0.5
 (G-255) dB for 1  G  255;
MUTE for G = 0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R15
Left channel
ADC Digital
Volume
7:0
ADCLVOL
[7:0]
11111111
( 0dB )
Left ADC Digital Volume Control
0000 0000 = Digital Mute
0000 0001 = -127dB
0000 0010 = -126.5dB
… 0.5dB steps up to
1111 1111 = 0dB
8
ADCVU
Not
latched
ADC left and ADC right volume do not
update until a 1 is written to ADCVU (in
reg 15 or 16)
R16
Right channel
ADC Digital
Volume
7:0
ADCRVOL
[7:0]
11111111
( 0dB )
Right ADC Digital Volume Control
0000 0000 = Digital Mute
0000 0001 = -127dB
0000 0010 = -126.5dB
... 0.5dB steps up to
1111 1111 = 0dB
8
ADCVU
Not
latched
ADC left and ADC right volume do not
update until a 1 is written to ADCVU (in
reg 15 or 16)
Table 18 ADC Digital Volume Control
INPUT LIMITER / AUTOMATIC LEVEL CONTROL (ALC)
The WM8983 has an automatic PGA gain control circuit, which can function as an input peak limiter or
as an automatic level control (ALC).
The Automatic Level Control (ALC) provides continuous adjustment of the input PGA in response to
the amplitude of the input signal. A digital peak detector monitors the input signal amplitude and
compares it to a register defined threshold level (ALCLVL).
If the signal is below the threshold, the ALC will increase the gain of the PGA at a rate set by
ALCDCY. If the signal is above the threshold, the ALC will reduce the gain of the PGA at a rate set by
ALCATK.
The ALC has two modes selected by the ALCMODE register: normal mode and peak limiter mode.
The ALC/limiter function is enabled by settings the register bits R32[8:7] ALCSEL.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R32 (20h)
ALC Control
1
2:0
ALCMIN
[2:0]
000 (-12dB)
Set minimum gain of PGA
000 = -12dB
001 = -6dB
010 = 0dB
011 = +6dB
100 = +12dB
101 = +18dB
110 = +24dB
111 = +30dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com