Electronic Components Datasheet Search
  English  ▼

X  

WM8983 Datasheet(PDF) 1 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 1 Page - Cirrus Logic

  WM8983 Datasheet HTML 1Page - Cirrus Logic WM8983 Datasheet HTML 2Page - Cirrus Logic WM8983 Datasheet HTML 3Page - Cirrus Logic WM8983 Datasheet HTML 4Page - Cirrus Logic WM8983 Datasheet HTML 5Page - Cirrus Logic WM8983 Datasheet HTML 6Page - Cirrus Logic WM8983 Datasheet HTML 7Page - Cirrus Logic WM8983 Datasheet HTML 8Page - Cirrus Logic WM8983 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 129 page
background image
Mobile Multimedia CODEC with 1W Speaker Driver
http://www.cirrus.com
Copyright
 Cirrus Logic, Inc., 2005–2016
(All Rights Reserved)
Rev 4.6
AUG
‘16
WM8983
DESCRIPTION
The WM8983 is a low power, high quality stereo CODEC
designed for portable multimedia applications. Highly flexible
analogue mixing functions enable new application features,
combining hi-fi quality audio with voice communication.
The device integrates preamps for stereo differential mics,
and includes drivers for speaker, headphone and differential
or stereo line output. External component requirements are
reduced as no separate microphone or headphone amplifiers
are required.
Advanced on-chip digital signal processing includes a 5-band
equaliser, a mixed signal Automatic Level Control for the
microphone or line input through the ADC as well as a purely
digital limiter function for record or playback. A programmable
high pass filter in the ADC path is provided for wind noise
reduction and an IIR with programmable coefficients can be
used as a notch filter to suppress fixed-frequency noise.
The WM8983 digital audio interface can operate in master or
slave mode, while an integrated PLL supports flexible clocking
schemes. A-law and
-law companding are fully supported.
The WM8983 operates at analogue supply voltages from 2.5V
to 3.3V, although the digital core can operate at voltages
down to 1.71V to save power. Speaker supplies can operate
up to 5V for increased speaker output power. Additional
power management control enables individual sections of the
chip to be powered down under software control.
FEATURES
Stereo CODEC:
DAC SNR 98dB, THD -
84dB (‘A’ weighted @ 48kHz)
ADC SNR 95dB, THD -
84dB (‘A’ weighted @ 48kHz)
Speaker driver (1W into 8
 BTL with 5V supply)
-
SNR 90dB
-
PSRR 80dB
Headphone driver with ‘capless’ option
-
40mW/channel output power into 16
 / 3.3V AVDD2
Pop and click suppression
Mic Preamps:
Stereo Differential or mono microphone Interfaces
Programmable preamp gain
Pseudo differential inputs with common mode rejection
Programmable ALC / Noise Gate in ADC path
Low-noise bias supplied for electret microphones
Other Features:
Enhanced 3-D function for improved stereo separation
Highly flexible mixing functions
5-band equaliser (ADC or DAC path)
ADC Programmable high pass filter (wind noise reduction)
ADC Programmable IIR notch filter
Aux inputs for stereo analog input signals or ‘beep’
PLL supporting various clocks between 8MHz-50MHz
Sample rates supported (kHz): 8, 11.025, 16, 12, 16, 22.05,
24, 32, 44.1, 48
2.5V to 3.6V analogue supplies
1.71V to 3.6V digital supplies
2.5V to 5.5V speaker supplies
5x5mm 32-lead QFN package
APPLICATIONS
Multimedia mobile phones


Similar Part No. - WM8983

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8983 WOLFSON-WM8983 Datasheet
1Mb / 8P
Mobile Multimedia CODEC with 1W Speaker Driver
WM8983GEFL WOLFSON-WM8983GEFL Datasheet
1Mb / 8P
Mobile Multimedia CODEC with 1W Speaker Driver
WM8983GEFL/RV WOLFSON-WM8983GEFL/RV Datasheet
1Mb / 123P
Mobile Multimedia CODEC with 1W Speaker Driver
WM8983GEFL/RV WOLFSON-WM8983GEFL/RV Datasheet
1Mb / 124P
Mobile Multimedia CODEC with 1W Speaker Driver
WM8983GEFL/V WOLFSON-WM8983GEFL/V Datasheet
1Mb / 123P
Mobile Multimedia CODEC with 1W Speaker Driver
More results

Similar Description - WM8983

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8978 WOLFSON-WM8978 Datasheet
927Kb / 78P
STEREO CODEC WITH SPEAKER DRIVER
WM8983 WOLFSON-WM8983 Datasheet
1Mb / 8P
Mobile Multimedia CODEC with 1W Speaker Driver
WM8940 WOLFSON-WM8940_07 Datasheet
854Kb / 85P
Mono CODEC with Speaker Driver
WM8976 WOLFSON-WM8976_06 Datasheet
1Mb / 108P
Stereo CODEC With Speaker Driver
WM8983 WOLFSON-WM8983_06 Datasheet
1Mb / 123P
Mobile Multimedia CODEC with 1W Speaker Driver
WM8991 WOLFSON-WM8991 Datasheet
2Mb / 174P
Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
WM8959 WOLFSON-WM8959 Datasheet
2Mb / 155P
Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
WM8976 WOLFSON-WM8976_11 Datasheet
1Mb / 114P
Stereo CODEC with Speaker Driver
WM8983 WOLFSON-WM8983_10 Datasheet
1Mb / 124P
Mobile Multimedia CODEC with 1W Speaker Driver
logo
Cirrus Logic
WM8974 CIRRUS-WM8974 Datasheet
2Mb / 89P
Mono CODEC with Speaker Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com