Electronic Components Datasheet Search
  English  ▼

X  

WM8983 Datasheet(PDF) 36 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 32Page - Cirrus Logic WM8983 Datasheet HTML 33Page - Cirrus Logic WM8983 Datasheet HTML 34Page - Cirrus Logic WM8983 Datasheet HTML 35Page - Cirrus Logic WM8983 Datasheet HTML 36Page - Cirrus Logic WM8983 Datasheet HTML 37Page - Cirrus Logic WM8983 Datasheet HTML 38Page - Cirrus Logic WM8983 Datasheet HTML 39Page - Cirrus Logic WM8983 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 129 page
background image
WM8983
36
Rev 4.6
AUXILIARY INPUTS
There are two auxiliary inputs, AUXL and AUXR which can be used for a variety of purposes such as
stereo line inputs or as a ‘beep’ input signal to be mixed with the outputs.
As signal inputs, AUXL/R inputs can be used as a line input to the input BOOST stage which has
adjustable gain of -12dB to +6dB in 3dB steps, with an additional
“off” state (i.e. not connected to ADC
input). See the INPUT BOOST section for further details.
The AUXL/R inputs can also be mixed into the output channel mixers, with a gain of -15dB to +6dB
plus off.
INPUT BOOST
Each of the stereo input PGA stages is followed by an input BOOST circuit. The input BOOST circuit
has 4 selectable inputs: the input microphone PGA output, the AUX amplifier output and the L2/R2
and AUXL/AUXR input pins (L2/R2 can be used as a line input, bypassing the input PGA). These four
inputs can be mixed together and have individual gain boost/adjust as shown in Figure 20.
To ADC input
and/or
output mixers
AUXL
OUT4_2ADCVOL, R42[8:6]
-12dB to + 6dB
Output from
input PGA
L2
-12dB to + 6dB
0dB or +20dB
-12dB to + 6dB
Output from
OUT4 mixer
OUT4_2LNR, R42[5]
AUXL2BOOSTVOL, R47[2:0]
AUXL2BOOSTVOL=0
PGABOOSTL, R47[8]
INPPGAMUTEL, R45[6]
L2_2BOOSTVOL, R47[6:4]
L2_2BOOSTVOL=000
To Left OR Right
channel not both
To ADC input
and/or
output mixers
AUXR
OUT4_2ADCVOL, R42[8:6]
-12dB to + 6dB
Output from
input PGA
R2
-12dB to + 6dB
0dB or +20dB
-12dB to + 6dB
Output from
OUT4 mixer
OUT4_2LNR, R42[5]
AUXR2BOOSTVOL, R48[2:0]
AUXR2BOOSTVOL=0
PGABOOSTR, R48[8]
INPPGAMUTER, R46[6]
R2_2BOOSTVOL, R48[6:4]
R2_2BOOSTVOL=000
To Left OR Right
channel not both
Figure 20 Input Boost Stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com