Electronic Components Datasheet Search
  English  ▼

X  

WM8983 Datasheet(PDF) 5 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 5 Page - Cirrus Logic

  WM8983 Datasheet HTML 1Page - Cirrus Logic WM8983 Datasheet HTML 2Page - Cirrus Logic WM8983 Datasheet HTML 3Page - Cirrus Logic WM8983 Datasheet HTML 4Page - Cirrus Logic WM8983 Datasheet HTML 5Page - Cirrus Logic WM8983 Datasheet HTML 6Page - Cirrus Logic WM8983 Datasheet HTML 7Page - Cirrus Logic WM8983 Datasheet HTML 8Page - Cirrus Logic WM8983 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 129 page
background image
WM8983
Rev 4.6
5
PIN CONFIGURATION
WM8983
Top View
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
25
26
27
28
29
30
31
32
R2/GPIO3
RIN
LIN
RIP
L2/GPIO2
LIP
LRC
MODE
OUT4
AUXL
AUXR
OUT3
ROUT2
SDIN
BCLK
AGND2
ORDERING INFORMATION
ORDER CODE
TEMPERATURE
RANGE
PACKAGE
MOISTURE
SENSITIVITY LEVEL
PEAK SOLDERING
TEMPERATURE
WM8983GEFL/V
-25
C to +85C
32-lead QFN (5 x 5 mm)
(pb-free)
MSL3
260oC
WM8983GEFL/RV
-25
C to +85C
32-lead QFN (5 x 5 mm)
(pb-free, tape and reel)
MSL3
260oC
Note:
Reel quantity = 3,500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com