Electronic Components Datasheet Search
  English  ▼

X  

WM8983 Datasheet(PDF) 73 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 73 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 69Page - Cirrus Logic WM8983 Datasheet HTML 70Page - Cirrus Logic WM8983 Datasheet HTML 71Page - Cirrus Logic WM8983 Datasheet HTML 72Page - Cirrus Logic WM8983 Datasheet HTML 73Page - Cirrus Logic WM8983 Datasheet HTML 74Page - Cirrus Logic WM8983 Datasheet HTML 75Page - Cirrus Logic WM8983 Datasheet HTML 76Page - Cirrus Logic WM8983 Datasheet HTML 77Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 129 page
background image
WM8983
Rev 4.6
73
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R49
Output control
2
SPKBOOST
0
Speaker Gain
0 = speaker gain = -1;
DC = AVDD1 / 2
1 = speaker gain = +1.5;
DC = 1.5 x AVDD1 / 2
R1
Power
management
1
8
BUFDCOPEN
0
Output stage 1.5xAVDD/2 driver
enable
0 = Buffer disabled
1 = Buffer enabled (required for 1.5x
gain boost)
Table 43 Speaker Boost Stage Control
SPKBOOST
OUTPUT
STAGE GAIN
OUTPUT DC
LEVEL
OUTPUT STAGE
CONFIGURATION
0
1x (0dB)
AVDD1/2
Inverting
1
1.5x (3.52dB)
1.5xAVDD1/2
Non-inverting
Table 44 Output Boost Stage Details
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R43
Beep control
4
INVROUT2
0
Invert ROUT2 output
0 = Not inverted
1 = Inverted
Table 45 ROUT2 Phase Invert Control
ZERO CROSS TIMEOUT
A zero-cross timeout function is provided so that if zero cross is enabled on the input or output PGAs,
the gain will automatically update after a timeout period if a zero cross has not occurred. This is
enabled by setting SLOWCLKEN. The timeout period is dependent on the clock input to the digital
and is equal to 221 * SYSCLK period.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7
Additional
Control
0
SLOWCLKEN
0
Slow clock enable.
Used for both the jack insert detect
debounce circuit and the zero cross
timeout.
0 = slow clock disabled
1 = slow clock enabled
Table 46 Timeout Clock Enable Control
Note: SLOWCLKEN is also used for the jack insert detect debounce circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com