Electronic Components Datasheet Search
  English  ▼

X  

WM8983 Datasheet(PDF) 12 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 8Page - Cirrus Logic WM8983 Datasheet HTML 9Page - Cirrus Logic WM8983 Datasheet HTML 10Page - Cirrus Logic WM8983 Datasheet HTML 11Page - Cirrus Logic WM8983 Datasheet HTML 12Page - Cirrus Logic WM8983 Datasheet HTML 13Page - Cirrus Logic WM8983 Datasheet HTML 14Page - Cirrus Logic WM8983 Datasheet HTML 15Page - Cirrus Logic WM8983 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 129 page
background image
WM8983
12
Rev 4.6
Test Conditions
DCVDD=1.8V, AVDD1=AVDD2=DBVDD=3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LIN and RIN input PGA to input boost stage into 10k
 / 50pF load on OUT3/OUT4 outputs
INPPGAVOLL, INPPGAVOLR, PGABOOSTL and PGABOOSTR = 0dB
Full-scale output voltage, 0dB gain
AVDD2/3.3
Vrms
Signal to Noise Ratio 3
SNR
A-weighted
AVDD1=AVDD2=3.3V
90
98
dB
A-weighted
AVDD1=AVDD2=2.5V
96
dB
22Hz to 22kHz
AVDD1=AVDD2=3.3V
95.5
dBFS
22Hz to 22kHz
AVDD1=AVDD2=2.5V
93.5
dBFS
Total Harmonic Distortion 4
THD
full-scale signal
AVDD1=AVDD2=3.3V
-84
dBFS
full-scale signal
AVDD1=AVDD2=2.5V
-82
dBFS
Total Harmonic Distortion + Noise 5
THD+N
full-scale signal
AVDD1=AVDD2=3.3V
-82
dBFS
full-scale signal
AVDD1=AVDD2=2.5V
-80
dBFS
Channel Separation 6
100
dB
LIN and RIN into input PGA Bypass to LOUT1 and ROUT1 into 10k
 / 50pF loads
BYPLMIXVOL, BYPRMIXVOL, LOUT1VOL and ROUT1VOL = 0dB
Full-scale output voltage, 0dB gain
AVDD1/3.3
Vrms
SIGNAL TO NOISE RATIO 3
SNR
A-weighted
AVDD1=AVDD2=3.3V
90
100
dB
A-weighted
AVDD1=AVDD2=2.5V
96
dB
22Hz to 22kHz
AVDD1=AVDD2=3.3V
95.5
dB
22Hz to 22kHz
AVDD1=AVDD2=2.5V
93.5
dB
Total Harmonic Distortion 4
THD
full-scale signal
AVDD1=AVDD2=3.3V
-87
-75
dBFS
full-scale signal
AVDD1=AVDD2=2.5V
-69
dBFS
Total Harmonic Distortion + Noise 5
THD+N
full-scale signal
AVDD1=AVDD2=3.3V
-85
-73
dBFS
full-scale signal
AVDD1=AVDD2=2.5V
-68
dBFS
Channel separation 6
1kHz full scale signal
100
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com