Electronic Components Datasheet Search
  English  ▼

X  

WM8983 Datasheet(PDF) 25 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 21Page - Cirrus Logic WM8983 Datasheet HTML 22Page - Cirrus Logic WM8983 Datasheet HTML 23Page - Cirrus Logic WM8983 Datasheet HTML 24Page - Cirrus Logic WM8983 Datasheet HTML 25Page - Cirrus Logic WM8983 Datasheet HTML 26Page - Cirrus Logic WM8983 Datasheet HTML 27Page - Cirrus Logic WM8983 Datasheet HTML 28Page - Cirrus Logic WM8983 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 129 page
background image
WM8983
Rev 4.6
25
RECOMMENDED CONTROL SEQUENCES
POWER UP/DOWN SEQUENCE
In order to minimise output pop and click noise, it is recommended that the WM8983 device is
powered up and down under control using the following sequences:
Power Up:
Turn on external power supplies. Wait for supply voltage to settle.
Set low bias mode, BIASCUT = 1.
Mute all Outputs and set PGAs to minimum gain, R52 to R57 = 0x140h.
Enable VMID independent current bias, POBCTRL = 1, DELEN = 1.
Enable required outputs, DACs and mixers.
Enable analogue bias, BIASEN, and VMID with required charge time e.g. VMIDSEL=01 =
100k
Ω.
Setup digital interface, input amplifiers, PLL, ADCs and DACs for desired operation.
Unmute L/ROUT1 and set desired volume, e.g. for 0dB R52 and R53 = 0x139h.
Unmute L/ROUT2 and set desired volume, e.g. for 0dB R54 and R55 = 0x139h.
Disable VMID independent current bias, POBCTRL = 0, DELEN = 0.
Power Down:
Disable Thermal shutdown
Disable VMIDSEL=00 and BIASEN=0
Wait for VMID to discharge
Power off registers R1, R2, R3 = 0x000h
Remove external power supplies
Note:
Charging time constant is determined by impedance selected by VMIDSEL and the value of
decoupling capacitor connected to VMID pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com