Electronic Components Datasheet Search
  English  ▼

X  

WM8983 Datasheet(PDF) 92 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 92 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 88Page - Cirrus Logic WM8983 Datasheet HTML 89Page - Cirrus Logic WM8983 Datasheet HTML 90Page - Cirrus Logic WM8983 Datasheet HTML 91Page - Cirrus Logic WM8983 Datasheet HTML 92Page - Cirrus Logic WM8983 Datasheet HTML 93Page - Cirrus Logic WM8983 Datasheet HTML 94Page - Cirrus Logic WM8983 Datasheet HTML 95Page - Cirrus Logic WM8983 Datasheet HTML 96Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 129 page
background image
WM8983
92
Rev 4.6
GENERAL PURPOSE INPUT/OUTPUT
The WM8983 has three dual purpose input/output pins.
CSB/GPIO1: CSB / GPIO1 pin
L2/GPIO2: Left channel line input / headphone detection input
R2/GPIO3: Right channel line input / headphone detection input
The GPIO2 and GPIO3 functions are provided for use as jack detection inputs.
The GPIO1 and GPIO2 functions are provided for use as jack detection inputs or general purpose
outputs.
The default configuration for the CSB/GPIO1 is to be an input.
When setup as an input, the CSB/GPIO1 pin can either be used as CSB or for jack detection,
depending on how the MODE pin is set.
Table 63 illustrates the functionality of the GPIO1 pin when used as a general purpose output.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8
GPIO
Control
2:0
GPIO1SEL
000
CSB/GPIO1 pin function select:
000= input (CSB/jack detection:
depending on MODE setting)
001 = reserved
010 = Temp ok
011 = Amute active
100 = PLL clk output
101 = PLL lock
110 = logic 0
111 = logic 1
3
GPIO1POL
0
GPIO1 Polarity invert
0 = Non inverted
1 = Inverted
5:4
OPCLKDIV
00
PLL Output clock division ratio
00 = divide by 1
01 = divide by 2
10 = divide by 3
11 = divide by 4
Table 63 CSB/GPIO Control
Note: If MODE is set to 3 wire mode, CSB/GPIO1 is used as CSB input irrespective of the
GPIO1SEL[2:0] bits.
For further details of the jack detect operation see the OUTPUT SWITCHING section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com