Electronic Components Datasheet Search
  English  ▼

X  

WM8983 Datasheet(PDF) 7 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 3Page - Cirrus Logic WM8983 Datasheet HTML 4Page - Cirrus Logic WM8983 Datasheet HTML 5Page - Cirrus Logic WM8983 Datasheet HTML 6Page - Cirrus Logic WM8983 Datasheet HTML 7Page - Cirrus Logic WM8983 Datasheet HTML 8Page - Cirrus Logic WM8983 Datasheet HTML 9Page - Cirrus Logic WM8983 Datasheet HTML 10Page - Cirrus Logic WM8983 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 129 page
background image
WM8983
Rev 4.6
7
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at or
beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
Cirrus tests its package types according to IPC/JEDEC J-STD-020 for Moisture Sensitivity to determine acceptable storage
conditions prior to surface mount assembly. These levels are:
MSL1 = unlimited floor life at <30
C / 85% Relative Humidity. Not normally stored in moisture barrier bag.
MSL2 = out of bag storage for 1 year at <30
C / 60% Relative Humidity. Supplied in moisture barrier bag.
MSL3 = out of bag storage for 168 hours at <30
C / 60% Relative Humidity. Supplied in moisture barrier bag.
The Moisture Sensitivity Level for each package type is specified in Ordering Information.
CONDITION
MIN
MAX
DBVDD, DCVDD, AVDD1 supply voltages
-0.3V
+4.5V
AVDD2 supply voltage
-0.3V
+7V
Voltage range digital inputs
DGND - 0.3V
DVDD + 0.3V
Voltage range analogue inputs
AGND1 - 0.3V
AGND2 - 0.3V
AVDD1 + 0.3V
AVDD2 + 0.3V
Storage temperature prior to soldering
30
C max / 85% RH max
Storage temperature after soldering
-65
C
+150
C
Notes:
1.
Analogue and digital grounds must always be within 0.3V of each other.
2.
All digital and analogue supplies are completely independent from each other.
3.
Analogue supply voltages should not be less than digital supply voltages.
4.
In non-boosted mode AVDD2 should be
 AVDD1. In boost mode, AVDD2 should be  1.5 x AVDD1.
5.
DBVDD must be greater than or equal to DCVDD.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Digital supply range (Core)
DCVDD
1.71
3.6
V
Digital supply range (Buffer)
DBVDD
1.712
3.6
V
Analogue supply range
AVDD1
2.5
3.6
V
Speaker supply range
AVDD2
2.5
5.5
V
Ground
DGND, AGND1, AGND2
0
V
Notes:
1.
Analogue supply voltages should not be less than digital supply voltages.
2.
DBVDD should be
 1.9V when using the PLL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com