Electronic Components Datasheet Search
  English  ▼

X  

WM8983 Datasheet(PDF) 45 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 41Page - Cirrus Logic WM8983 Datasheet HTML 42Page - Cirrus Logic WM8983 Datasheet HTML 43Page - Cirrus Logic WM8983 Datasheet HTML 44Page - Cirrus Logic WM8983 Datasheet HTML 45Page - Cirrus Logic WM8983 Datasheet HTML 46Page - Cirrus Logic WM8983 Datasheet HTML 47Page - Cirrus Logic WM8983 Datasheet HTML 48Page - Cirrus Logic WM8983 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 129 page
background image
WM8983
Rev 4.6
45
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5:3
ALCMAX
[2:0]
111
(+35.25dB)
Set Maximum Gain of PGA
111 = +35.25dB
110 = +29.25dB
101 = +23.25dB
100 = +17.25dB
011 = +11.25dB
010 = +5.25dB
001 = -0.75dB
000 = -6.75dB
8:7
ALCSEL
00
ALC function select
00 = ALC disabled
01 = Right channel ALC enabled
10 = Left channel ALC enabled
11 = Both channels ALC enabled
R33 (21h)
ALC Control
2
3:0
ALCLVL
[3:0]
1011
(-6dB)
ALC target
– sets signal level at ADC
input
1111 = -1.5dBFS
1110 = -1.5dBFS
1101 = -3dBFS
1100 = -4.5dBFS
1011 = -6dBFS
1010 = -7.5dBFS
1001 = -9dBFS
1000 = -10.5dBFS
0111 = -12dBFS
0110 = -13.5dBFS
0101 = -15dBFS
0100 = -16.5dBFS
0011 = -18dBFS
0010 = -19.5dBFS
0001 = -21dBFS
0000 = -22.5dBFS
7:4
ALCHLD
[3:0]
0000
(0ms)
ALC hold time before gain is
increased.
0000 = 0ms
0001 = 2.67ms
0010 = 5.33ms
0011 = 10.66ms
0100 = 21.32ms
0101 = 42.64ms
0110 = 85.28ms
0111 = 0.17s
1000 = 0.34s
1001 = 0.68s
1010 = 1.36s
1011 = 2.7s
1100 = 5.4s
1101 = 10.9s
1110 = 21.8 s
1111 = 43.7s
R34 (22h)
ALC Control
3
8
ALCMODE
0
Determines the ALC mode of
operation:
0 = ALC mode (Normal Operation)
1 = Limiter mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com