Electronic Components Datasheet Search
  English  ▼

X  

WM8983 Datasheet(PDF) 22 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 18Page - Cirrus Logic WM8983 Datasheet HTML 19Page - Cirrus Logic WM8983 Datasheet HTML 20Page - Cirrus Logic WM8983 Datasheet HTML 21Page - Cirrus Logic WM8983 Datasheet HTML 22Page - Cirrus Logic WM8983 Datasheet HTML 23Page - Cirrus Logic WM8983 Datasheet HTML 24Page - Cirrus Logic WM8983 Datasheet HTML 25Page - Cirrus Logic WM8983 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 129 page
background image
WM8983
22
Rev 4.6
CONTROL INTERFACE TIMING – 2-WIRE MODE
2-wire mode is selected by connecting the MODE pin low.
SDIN
SCLK
t
3
t
1
t
6
t
2
t
7
t
5
t
4
t
3
t
8
t
9
Figure 9 Control Interface Timing
– 2-Wire Serial Control Mode
Test Conditions
DCVDD=1.8V, DBVDD=AVDD1=AVDD2=3.3V, DGND=AGND1=AGND2=0V, TA=+25
oC, Slave Mode, fs=48kHz,
MCLK=256fs, 24-bit data, unless otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Program Register Input Information
SCLK Frequency
0
526
kHz
SCLK Low Pulse-Width
t1
1.3
us
SCLK High Pulse-Width
t2
600
ns
Hold Time (Start Condition)
t3
600
ns
Setup Time (Start Condition)
t4
600
ns
Data Setup Time
t5
100
ns
SDIN, SCLK Rise Time
t6
300
ns
SDIN, SCLK Fall Time
t7
300
ns
Setup Time (Stop Condition)
t8
600
ns
Data Hold Time
t9
900
ns
Pulse width of spikes that will be suppressed
tps
0
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com