Electronic Components Datasheet Search
  English  ▼

X  

WM8983 Datasheet(PDF) 27 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 23Page - Cirrus Logic WM8983 Datasheet HTML 24Page - Cirrus Logic WM8983 Datasheet HTML 25Page - Cirrus Logic WM8983 Datasheet HTML 26Page - Cirrus Logic WM8983 Datasheet HTML 27Page - Cirrus Logic WM8983 Datasheet HTML 28Page - Cirrus Logic WM8983 Datasheet HTML 29Page - Cirrus Logic WM8983 Datasheet HTML 30Page - Cirrus Logic WM8983 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 129 page
background image
WM8983
Rev 4.6
27
V
pora
DGND
Internal POR active
Device Ready
No Power
V
por_off
Power Supply
POR
I2S Clocks
DAC Internal State
t
line_midrail_on
Line Out Outputs
DACDAT pin
GD
DACEN bit
Power down
Init
Normal Operation
Normal Operation
Init
PD
Power down
DAC enabled
DAC enabled
DAC off
t
dacint
DNC
Analogue outputs
t
dacint
Analogue outputs enabled
DNC
GD
GD
t
por
POR Undefined
VMID enabled
VMIDSEL/
AVDD/2
t
line_midrail_off
(Note 1)
(Note 3)
(Note 6)
t
hp_midrail_on
HP Outputs
AVDD/2
t
hp_midrail_off
(Note 4)
(Note 5)
enable bits
BIASEN bits
DAC disabled
DAC disabled
(Note 2)
V
por_on
Figure 14 DAC Power Up and Down Sequence (not to scale)
SYMBOL
MIN
TYPICAL
MAX
UNIT
tline_midrail_on
300
ms
tline_midrail_off
>6
s
thp_midrail_on
300
ms
thp__midrail_off
>6
s
tdacint
2/fs
s
DAC Group Delay
29/fs
s
Table 4 Typical POR Operation (typical simulated values)
Notes:
1.
The lineout charge time, tline_midrail_on, is determined by the VMID pin charge time. This time is
dependent upon the value of VMID decoupling capacitor and VMID pin input resistance and
AVDD power supply rise time. The values above were measured using a 4.7μF capacitor.
2.
It is not advisable to allow DACDAT data input during initialisation of the DAC. If the DAC data
value is not zero at point of initialisation, then this is likely to cause a pop noise on the analogue
outputs. The same is also true if the DACDAT is removed at a non-zero value, and no mute
function has been applied to the signal beforehand.
3.
The lineout discharge time, tline_midrail_off, is determined by the VMID pin discharge time. This time
is dependent upon the value of VMID decoupling capacitor and VMID pin input resistance. The
values above were
measured using a 4.7μF capacitor.
4.
The headphone charge time, thp_midrail_on, is dependent upon the value of VMID decoupling
capacitor and VMID pin input resistance and AVDD power supply rise time. The values above
were measured using a 4.7μF VMID decoupling capacitor.
5.
The headphone discharge time, thp_midrail_off, is dependent upon the value of VMID decoupling
capacitor and VMID pin input resistance. The values above were measured using a 4.7μF VMID
decoupling capacitor.
6.
The VMIDSEL and BIASEN bits must be set to enable analogue output midrail voltage and for
normal DAC operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com