Electronic Components Datasheet Search
  English  ▼

X  

WM8983 Datasheet(PDF) 79 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 79 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 75Page - Cirrus Logic WM8983 Datasheet HTML 76Page - Cirrus Logic WM8983 Datasheet HTML 77Page - Cirrus Logic WM8983 Datasheet HTML 78Page - Cirrus Logic WM8983 Datasheet HTML 79Page - Cirrus Logic WM8983 Datasheet HTML 80Page - Cirrus Logic WM8983 Datasheet HTML 81Page - Cirrus Logic WM8983 Datasheet HTML 82Page - Cirrus Logic WM8983 Datasheet HTML 83Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 129 page
background image
WM8983
Rev 4.6
79
ENABLING THE OUTPUTS
Each analogue output of the WM8983 can be independently enabled or disabled. The analogue mixer
associated with each output has a separate enable bit. All outputs are disabled by default. To save
power, unused parts of the WM8983 should remain disabled.
Outputs can be enabled at any time, but it is not recommended to do so when BUFIO is disabled
(BUFIOEN=0), as this may cause pop noise (see “Power Management” and “Applications Information”
sections).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1
Power
Management
1
2
BUFIOEN
0
Unused input/output bias buffer enable
0=disabled
1=enabled
6
OUT3MIXEN
0
OUT3 mixer enable
0=disabled
1=enabled
7
OUT4MIXEN
0
OUT4 mixer enable
0=disabled
1=enabled
8
BUFDCOPEN
0
Output stage 1.5xAVDD/2 driver enable
0 = Buffer disabled
1 = Buffer enabled (required for 1.5x
gain boost)
R2
Power
Management
2
8
ROUT1EN
0
ROUT1 output enable
0=disabled
1=enabled
7
LOUT1EN
0
LOUT1 output enable
0=disabled
1=enabled
6
SLEEP
0
Sleep Mode enable
0 = Normal device operation
1 = Supply current reduced in device
standby mode if clocks are still running
R3
Power
Management
3
2
LMIXEN
0
Left output channel mixer enable
0 = disabled
1 = enabled
3
RMIXEN
0
Right output channel mixer enable
0 = disabled
1 = enabled
5
ROUT2EN
0
ROUT2 output enable
0 = disabled
1 = enabled
6
LOUT2EN
0
LOUT2 output enable
0 = disabled
1 = enabled
7
OUT3EN
0
OUT3 enable
0 = disabled
1 = enabled
8
OUT4EN
0
OUT4 enable
0 = disabled
1 = enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com