Electronic Components Datasheet Search
  English  ▼

X  

WM8983 Datasheet(PDF) 78 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 78 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 74Page - Cirrus Logic WM8983 Datasheet HTML 75Page - Cirrus Logic WM8983 Datasheet HTML 76Page - Cirrus Logic WM8983 Datasheet HTML 77Page - Cirrus Logic WM8983 Datasheet HTML 78Page - Cirrus Logic WM8983 Datasheet HTML 79Page - Cirrus Logic WM8983 Datasheet HTML 80Page - Cirrus Logic WM8983 Datasheet HTML 81Page - Cirrus Logic WM8983 Datasheet HTML 82Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 129 page
background image
WM8983
78
Rev 4.6
Table 50 shows the polarities of the outputs in various configurations.
Unless otherwise stated, polarity is shown with respect to left DAC output in non-inverting mode.
Note that only registers relating to the mixer paths are shown here (Mixer enables, volume settings,
output enables etc are not shown).
CONFIGURATION
MIXER PATH
REGISTERS
DIFFERENT
FROM DEFAULT
Default:
Stereo DAC playback
to LOUT1/ROUT1,
LOUT2/ROUT2 and
OUT4/OUT3
0
0
0
0
0
0
0°
1
0°
1
0°
1
0°
1
180°
1
180°
1
DACs inverted
1
1
0
0
0
0
180°
1
180°
1
180°
1
180°
1
0°
1
0°
1
Stereo DAC playback
to LOUT1/ROUT1 and
LOUT2/ROUT2 and
OUT4/OUT3
(Speaker boost
enabled)
0
0
0
1
0
0
0°
1
0°
1
0°
1
0°
1
0°
1.5
0°
1.5
Stereo DAC playback
to LOUT1/ROUT1 and
LOUT2/ROUT2 and
OUT4/OUT3
(OUT3 and OUT4
boost enabled)
0
0
0
0
1
1
180°
1.5
180°
1.5
0°
1
0°
1
180°
1
180°
1
Stereo playback to
OUT3/OUT4 (DACs
input to OUT3/OUT4
mixers via left/right
mixers)
0
0
0
0
0
0
LDAC2OUT3=0
RDAC2OUT4=0
LMIX2OUT3=1
RMIX2OUT4=1
180°
1
180°
1
0°
1
0°
1
180°
1
180°
1
Differential output of
right bypass path via
OUT3/OUT4 (Phase
shown relative to right
bypass)
0
0
0
0
0
0
BYPR2OUT4=1
OUT4_2OUT3=1
180°
1
0°
1
X
X
X
X
Differential output of
mono mix of DACs via
LOUT2/ROUT2 (e.g.
BTL speaker drive)
0
0
1
0
0
0
0°
1
0°
1
0°
1
0°
1
180°
1
0°
1
High power speaker
drive
0
0
1
1
0
0
0°
1
0°
1
0°
1
0°
1
0°
1.5
180°
1.5
Table 50 Relative Output Phases
Note that differential output should not be set up by combining outputs in boost mode with outputs
which are not in boost mode as this would cause a DC offset current on the outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com