Electronic Components Datasheet Search
  English  ▼

X  

WM8983 Datasheet(PDF) 94 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 94 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 90Page - Cirrus Logic WM8983 Datasheet HTML 91Page - Cirrus Logic WM8983 Datasheet HTML 92Page - Cirrus Logic WM8983 Datasheet HTML 93Page - Cirrus Logic WM8983 Datasheet HTML 94Page - Cirrus Logic WM8983 Datasheet HTML 95Page - Cirrus Logic WM8983 Datasheet HTML 96Page - Cirrus Logic WM8983 Datasheet HTML 97Page - Cirrus Logic WM8983 Datasheet HTML 98Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 129 page
background image
WM8983
94
Rev 4.6
CONTROL INTERFACE
SELECTION OF CONTROL MODE AND 2-WIRE MODE ADDRESS
The control interface can operate as either a 3-wire or 2-wire control interface. The MODE pin
determines the 2 or 3 wire mode as shown in Table 65.
The WM8983 is controlled by writing to registers through a serial control interface. A control word
consists of 16 bits. The first 7 bits (B15 to B9) are register address bits that select which control
register is accessed. The remaining 9 bits (B8 to B0) are data bits, corresponding to the 9 data bits in
each control register.
MODE
INTERFACE FORMAT
Low
2 wire
High
3 wire
Table 65 Control Interface Mode Selection
3-WIRE SERIAL CONTROL MODE
In 3-wire mode, every rising edge of SCLK clocks in one data bit from the SDIN pin. A rising edge on
CSB/GPIO latches in a complete control word consisting of the last 16 bits.
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
SDIN
SCLK
CSB
control register address
control register data bits
latch
Figure 52 3-Wire Serial Control Interface
2-WIRE SERIAL CONTROL MODE
The WM8983 supports software control via a 2-wire serial bus. Many devices can be controlled by the
same bus, and each device has a unique 7-bit device address (this is not the same as the 7-bit
address of each register in the WM8983).
The WM8983 operates as a slave device only. The controller indicates the start of data transfer with a
high to low transition on SDIN while SCLK remains high. This indicates that a device address and
data will follow. All devices on the 2-wire bus respond to the start condition and shift in the next eight
bits on SDIN (7-bit address + Read/Write bit, MSB first). If the device address received matches the
address of the WM8983, the WM8983 responds by pulling SDIN low on the next clock pulse (ACK). If
the address is not recognised or the R/W bit is ‘1’ when operating in write only mode, the WM8983
returns to the idle condition and waits for a new start condition and valid address.
During a write, once the WM8983 has acknowledged a correct address, the controller sends the first
byte of control data (B15 to B8, i.e. the WM8983 register address plus the first bit of register data).
The WM8983 then acknowledges the first data byte by driving SDIN low for one clock cycle. The
controller then sends the second byte of control data (B7 to B0, i.e. the remaining 8 bits of register
data), and the WM8983 acknowledges again by pulling SDIN low.
Transfer is complete when there is a low to high transition on SDIN while SCLK is high. After a
complete sequence, the WM8983 returns to the idle state and waits for another start condition. If a
start or stop condition is detected out of sequence at any point during data transfer (i.e. SDIN changes
while SCLK is high), the control interface returns to the idle condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com