Electronic Components Datasheet Search
  English  ▼

X  

WM8983 Datasheet(PDF) 85 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 85 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 81Page - Cirrus Logic WM8983 Datasheet HTML 82Page - Cirrus Logic WM8983 Datasheet HTML 83Page - Cirrus Logic WM8983 Datasheet HTML 84Page - Cirrus Logic WM8983 Datasheet HTML 85Page - Cirrus Logic WM8983 Datasheet HTML 86Page - Cirrus Logic WM8983 Datasheet HTML 87Page - Cirrus Logic WM8983 Datasheet HTML 88Page - Cirrus Logic WM8983 Datasheet HTML 89Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 129 page
background image
WM8983
Rev 4.6
85
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4
Audio
Interface
Control
0
MONO
0
Selects between stereo and mono
device operation:
0 = Stereo device operation
1 = Mono device operation. Data
appears in ‘left’ phase of LRC.
1
ALRSWAP
0
Controls whether ADC data appears in
‘right’ or ‘left’ phases of LRC clock:
0=ADC left data appears
in ‘left’ phase
of LRC and right data in 'right' phase
1=ADC left data appears
in ‘right ’ phase
of LRC and right data in 'left' phase
2
DLRSWAP
0
Controls whether DAC data appears in
‘right’ or ‘left’ phases of LRC clock:
0=DAC left data appears
in ‘left’ phase
of LRC and right data in 'right' phase
1=DAC left data appears
in ‘right’ phase
of LRC and right data in 'left' phase
4:3
FMT
10
Audio interface Data Format Select:
00=Right Justified
01=Left Justified
10=I2S format
11= DSP/PCM mode
6:5
WL
10
Word length
00=16 bits
01=20 bits
10=24 bits
11=32 bits (see note)
7
LRP
0
LRC clock polarity
0=normal
1=inverted
8
BCP
0
BCLK polarity
0=normal
1=inverted
R5
0
LOOPBACK
0
Digital loopback function
0=No loopback
1=Loopback enabled, ADC data output
is fed directly into DAC data input.
Table 55 Audio Interface Control
Note: Right Justified Mode will only operate with a maximum of 24 bits. If 32-bit mode is selected the
device will operate in 24-bit mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com