Electronic Components Datasheet Search
  English  ▼

X  

WM8983 Datasheet(PDF) 71 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 71 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 67Page - Cirrus Logic WM8983 Datasheet HTML 68Page - Cirrus Logic WM8983 Datasheet HTML 69Page - Cirrus Logic WM8983 Datasheet HTML 70Page - Cirrus Logic WM8983 Datasheet HTML 71Page - Cirrus Logic WM8983 Datasheet HTML 72Page - Cirrus Logic WM8983 Datasheet HTML 73Page - Cirrus Logic WM8983 Datasheet HTML 74Page - Cirrus Logic WM8983 Datasheet HTML 75Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 129 page
background image
WM8983
Rev 4.6
71
SPEAKER BOOST MODE
To support speaker boost mode, AVDD2 should be at least 1.5*AVDD1. A higher AVDD2 will improve
THD performance at the expense of power consumption while lower AVDD2 will cause clipping.
Variations in AVDD1 and AVDD2 should be taken into account when using speaker boost mode as
shown in Figure 35 and Figure 36.
0V
1V
2V
4V
5V
MIXER
AVDD1 = 3.3V
AGND
AVDD2 = 2.9V
AGND
AVDD2 < AVDD1
3V
OUTPUT
STAGE
SPKBOOST=0
Clipping
0V
1V
2V
3V
4V
5V
MIXER
AVDD1 = 3.3V
AGND
OUTPUT
STAGE
SPKBOOST=0
AVDD2 = 4.2V
AGND
AVDD2 > AVDD1
Extra headroom improves THD
but increases power
consumption
0V
1V
2V
4V
5V
MIXER
AVDD1 = 3.3V
AGND
AVDD2 = 5V
AGND
AVDD2 > AVDD1*1.5
3V
OUTPUT
STAGE
SPKBOOST=1
0V
1V
2V
3V
4V
MIXER
AVDD1 = 3.3V
AGND
OUTPUT
STAGE
SPKBOOST=1
AVDD2 = 4.2V
AGND
AVDD2 > AVDD1*1.5
5V
Clipping
Figure 35 Non-Boost Mode Output Operation
Figure 36 Boost Mode Output Operation
LOUT2 and ROUT2 outputs can be connected directly to a Lithium battery to improve THD
performance in non-boost mode. When using a 4.2V lithium battery, maximum power output is
achieved without using speaker boost and by setting AVDD1 = 3.6V.
Although direct battery connection is also possible in boost mode, the discharge characteristic of the
battery can lead to clipping after a relatively short period of time as shown in Figure 37. Reducing the
maximum permitted volume and keeping AVDD1 to a minimum will allow boost mode to operate for
longer.
0V
1V
2V
4V
5V
MIXER
AVDD1 = 2.5V
AGND1
AVDD2 = V
BATT
AGND2
3V
OUTPUT
STAGE
SPKBOOST=1
time
Reduce max volume
to prevent clipping
Reduce max volume
to prevent clipping
Battery
discharging
AVDD1*0.75
AVDD1 / 2
Figure 37 Output Boost Mode with Direct Battery Connection
As the full scale output falls close to AVDD1, it becomes more effective to use non-boost mode to
generate a louder output, although SPKBOOST should NOT be changed while the speaker output is
driving out a signal. As a general rule:
if AVDD2 - (AVDD1 * 0.75) > AVDD1 / 2 boost mode provides more power output;
if AVDD2 - (AVDD1 * 0.75) < AVDD1 / 2 non-boost mode provides more power output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com