Electronic Components Datasheet Search
  English  ▼

X  

WM8983 Datasheet(PDF) 34 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 30Page - Cirrus Logic WM8983 Datasheet HTML 31Page - Cirrus Logic WM8983 Datasheet HTML 32Page - Cirrus Logic WM8983 Datasheet HTML 33Page - Cirrus Logic WM8983 Datasheet HTML 34Page - Cirrus Logic WM8983 Datasheet HTML 35Page - Cirrus Logic WM8983 Datasheet HTML 36Page - Cirrus Logic WM8983 Datasheet HTML 37Page - Cirrus Logic WM8983 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 129 page
background image
WM8983
34
Rev 4.6
VOLUME UPDATES
Volume settings will not be applied to the PGAs until a
‘1’ is written to one of the INPPGAVU bits. This
is to allow left and right channels to be updated at the same time, as shown in Figure 16.
Write
010100
to
R45[5:0]
R45[8]=0
Write
010100
to
R46[5:0]
R46[8]=1
Left PGA Input
Right PGA Input
Control Interface
Time
Left PGA Output
Right PGA Output
Write Left PGA Volume
without update
Write Right PGA Volume
with update
0dB Gain
6dB Gain
Left and right channels
updated at same time
Figure 16 Simultaneous Left and Right Volume Updates
If the volume is adjusted while the signal is a non-zero value, an audible click can occur as shown in
Figure 17.
Write
010100
to
R45[5:0]
R45[8]=0
Write
010100
to
R46[5:0]
R46[8]=1
Left PGA Input
Right PGA Input
Control Interface
Time
Left PGA Output
Right PGA Output
Write Right PGA Volume
with update
Write Left PGA Volume
without update
0dB Gain
6dB Gain
Click
Noise
Figure 17 Click Noise during Volume Update



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com