Electronic Components Datasheet Search
  English  ▼

X  

WM8983 Datasheet(PDF) 20 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 16Page - Cirrus Logic WM8983 Datasheet HTML 17Page - Cirrus Logic WM8983 Datasheet HTML 18Page - Cirrus Logic WM8983 Datasheet HTML 19Page - Cirrus Logic WM8983 Datasheet HTML 20Page - Cirrus Logic WM8983 Datasheet HTML 21Page - Cirrus Logic WM8983 Datasheet HTML 22Page - Cirrus Logic WM8983 Datasheet HTML 23Page - Cirrus Logic WM8983 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 129 page
background image
WM8983
20
Rev 4.6
AUDIO INTERFACE TIMING – SLAVE MODE
BCLK
LRC
t
BCH
t
BCL
t
BCY
DACDAT
ADCDAT
t
LRSU
t
DS
t
LRH
t
DH
t
DD
Figure 7 Digital Audio Data Timing
– Slave Mode
Test Conditions
DCVDD=1.8V, DBVDD=AVDD1=AVDD2=3.3V, DGND=AGND1=AGND2=0V, TA=+25
oC, Slave Mode, fs=48kHz,
MCLK= 256fs, 24-bit data, unless otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
BCLK cycle time
tBCY
50
ns
BCLK pulse width high
tBCH
20
ns
BCLK pulse width low
tBCL
20
ns
LRC set-up time to BCLK rising edge
tLRSU
10
ns
LRC hold time from BCLK rising edge
tLRH
10
ns
DACDAT hold time from BCLK rising edge
tDH
10
ns
DACDAT set-up time to BCLK rising edge
tDS
10
ns
ADCDAT propagation delay from BCLK falling edge
tDD
25
ns
Note:
BCLK period should always be greater than or equal to MCLK period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com