Electronic Components Datasheet Search
  English  ▼

X  

WM8983 Datasheet(PDF) 31 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 27Page - Cirrus Logic WM8983 Datasheet HTML 28Page - Cirrus Logic WM8983 Datasheet HTML 29Page - Cirrus Logic WM8983 Datasheet HTML 30Page - Cirrus Logic WM8983 Datasheet HTML 31Page - Cirrus Logic WM8983 Datasheet HTML 32Page - Cirrus Logic WM8983 Datasheet HTML 33Page - Cirrus Logic WM8983 Datasheet HTML 34Page - Cirrus Logic WM8983 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 129 page
background image
WM8983
Rev 4.6
31
INPUT SIGNAL PATH
The WM8983 has a number of flexible analogue inputs. There are two input channels, Left and Right,
each of which consists of an input PGA stage followed by a boost/mix stage which drives into the hi-fi
ADC.
Each input path has three input pins which can be configured in a variety of ways to
accommodate single-ended, differential or dual differential microphones. There are two auxiliary input
pins which can be fed into to the input boost/mix stage as well as driving into the output path. A
bypass path exists from the output of the boost/mix stage into the output left/right mixers.
MICROPHONE INPUTS
The WM8983 can accommodate a variety of microphone configurations including single ended and
pseudo differential inputs. The inputs to the left pseudo differential input PGA are LIP and L2. The
inputs to the right pseudo differential input PGA are RIP and R2. LIN and RIN are used for a.c.
coupled ground inputs.
In single-ended microphone input configuration, the microphone signal should be input to LIN or RIN
and the non-inverting input of the input PGA clamped to VMID.
LIP
LIN
VMID
LIN2INPPGA,
R44[1]
LIP2INPPGA,
R44[0]
To input
BOOST/mix
stage
INPPGAVOLL,
R45[5:0]
-12dB to +35.25dB
L2
L2_2INPPGA,
R44[2]
L2_2INPPGA
LIP2INPPGA
65k
VMID
65k
65k
RIP
RIN
VMID
RIN2INPPGA,
R44[5]
RIP2INPPGA,
R44[4]
To input
BOOST/mix
stage
INPPGAVOLR,
R46[5:0]
-12dB to +35.25dB
R2
R2_2INPPGA,
R44[6]
R2_2INPPGA
RIP2INPPGA
65k
VMID
65k
65k
Figure 15 Microphone Input PGA Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com