Electronic Components Datasheet Search
  English  ▼

X  

WM8983 Datasheet(PDF) 49 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 45Page - Cirrus Logic WM8983 Datasheet HTML 46Page - Cirrus Logic WM8983 Datasheet HTML 47Page - Cirrus Logic WM8983 Datasheet HTML 48Page - Cirrus Logic WM8983 Datasheet HTML 49Page - Cirrus Logic WM8983 Datasheet HTML 50Page - Cirrus Logic WM8983 Datasheet HTML 51Page - Cirrus Logic WM8983 Datasheet HTML 52Page - Cirrus Logic WM8983 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 129 page
background image
WM8983
Rev 4.6
49
ALC LIMITER MODE INITIALISATION SEQUENCE
In order to correctly initialise the ALC in limiter mode, the following sequence of register writes is
required. MCLK must be applied during the initialisation sequence
1. R45 - Set left input PGA gain (INPPGAVOLL) to level required for operation.
2. R46 - Set right input PGA gain (INPPGAVOLR) to level required for operation.
3. R44 - Enable analogue inputs as required.
4. R2 - Disable input PGA (INPPGAENL=0, INPPGAENR=0).
5. R59 = 0x0003 - Enable ALC test mode.
6. R32 - Set ALCMAX and ALCMIN to the level required for operation.
7. R33 - Set limiter level (ALCLVL) to the level required for operation.
8. R34 = 0x0000 - Enable ALC mode (ALCMODE = 0).
9. Insert 1ms delay to allow input PGA gain update by the limiter circuit.
10. R34 = 0x0100 - Enable Limiter mode (ALCMODE = 1).
11. Insert 1ms delay to allow input PGA gain update by the limiter circuit.
12. R59 = 0x0000 - Turn off ALC test mode.
13. R2 - Enable input PGA (INPPGAENL=1, INPPGAENR=1).
Note: R32, R33, R45 and R46 register settings above need to be changed to reflect settings required
in the target application.
ATTACK AND DECAY TIMES
The attack and decay times set the update times for the PGA gain.
The attack time is the time
constant used when the gain is reducing. The decay time is the time constant used when the gain is
increasing. In limiter mode, the time constants are faster than in ALC mode. The time constants are
shown below in terms of a single gain step, a change of 6dB and a change of 90% of the PGAs gain
range.
Note that, these times will vary slightly depending on the sample rate used (specified by the SR
register).
NORMAL MODE
ALCMODE = 0 (Normal Mode)
ALCATK
tATK
tATK6dB
tATK90%
0000
104µs
832µs
6ms
0001
208µs
1.66ms
12ms
0010
416µs
3.33ms
24ms
0011
832µs
6.66ms
48ms
0100
1.66ms
13.32ms
96ms
0101
3.33ms
26.64ms
192ms
0110
6.66ms
53.28ms
384ms
0111
13.32ms
106.6ms
768ms
1000
26.64ms
213.2ms
1.53s
1001
53.28ms
426.4ms
3.07s
1010
106.6ms
852.8ms
6.14s
Attack Time (s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com