Electronic Components Datasheet Search
  English  ▼

X  

WM8983 Datasheet(PDF) 82 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 82 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 78Page - Cirrus Logic WM8983 Datasheet HTML 79Page - Cirrus Logic WM8983 Datasheet HTML 80Page - Cirrus Logic WM8983 Datasheet HTML 81Page - Cirrus Logic WM8983 Datasheet HTML 82Page - Cirrus Logic WM8983 Datasheet HTML 83Page - Cirrus Logic WM8983 Datasheet HTML 84Page - Cirrus Logic WM8983 Datasheet HTML 85Page - Cirrus Logic WM8983 Datasheet HTML 86Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 129 page
background image
WM8983
82
Rev 4.6
DIGITAL AUDIO INTERFACES
The audio interface has four pins:
ADCDAT: ADC data output
DACDAT: DAC data input
LRC: Data Left/Right alignment clock
BCLK: Bit clock, for synchronisation
The clock signals BCLK, and LRC can be outputs when the WM8983 operates as a master, or inputs
when it is a slave (see Master and Slave Mode Operation, below).
Five different audio data formats are supported:
Left justified
Right justified
I2S
DSP mode early
DSP mode late
All of these modes are MSB first. They are described in Audio Data Formats, below. Refer to the
Electrical Characteristic section for timing information.
MASTER AND SLAVE MODE OPERATION
The WM8983 audio interface may be configured as either master or slave. As a master interface
device, the WM8983 generates BCLK and LRC and thus controls sequencing of the data transfer on
ADCDAT and DACDAT. To set the device to master mode, register bit MS should be set high. In
slave mode (MS=0), the WM8983 responds with data to clocks it receives over the digital audio
interfaces.
AUDIO DATA FORMATS
In Left Justified mode, the MSB is available on the first rising edge of BCLK following an LRC
transition. The other bits up to the LSB are then transmitted in order. Depending on word length,
BCLK frequency and sample rate, there may be unused BCLK cycles before each LRC transition.
LEFT
CHANNEL
RIGHT
CHANNEL
LRC
BCLK
DACDAT /
ADCDAT
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
Figure 42 Left Justified Audio Interface (assuming n-bit word length)
In Right Justified mode, the LSB is available on the last rising edge of BCLK before a LRC transition.
All other bits are transmitted before (MSB first). Depending on word length, BCLK frequency and
sample rate, there may be unused BCLK cycles after each LRC transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com