Electronic Components Datasheet Search
  English  ▼

X  

WM8983 Datasheet(PDF) 19 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 15Page - Cirrus Logic WM8983 Datasheet HTML 16Page - Cirrus Logic WM8983 Datasheet HTML 17Page - Cirrus Logic WM8983 Datasheet HTML 18Page - Cirrus Logic WM8983 Datasheet HTML 19Page - Cirrus Logic WM8983 Datasheet HTML 20Page - Cirrus Logic WM8983 Datasheet HTML 21Page - Cirrus Logic WM8983 Datasheet HTML 22Page - Cirrus Logic WM8983 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 129 page
background image
WM8983
Rev 4.6
19
SIGNAL TIMING REQUIREMENTS
SYSTEM CLOCK TIMING
MCLK
t
MCLKL
t
MCLKH
t
MCLKY
Figure 5 System Clock Timing Requirements
Test Conditions
DCVDD=1.8V, DBVDD=AVDD1=AVDD2=3.3V, DGND=AGND1=AGND2=0V, TA = +25
oC, Slave Mode
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
System Clock Timing Information
MCLK cycle time
TMCLKY
MCLK=SYSCLK (=256fs)
81.38
ns
MCLK input to PLL Note 1
20
ns
MCLK duty cycle
TMCLKDS
60:40
40:60
Note:
1. PLL pre-scaling and PLL N and K values should be set appropriately so that SYSCLK is no greater than 12.288MHz.
AUDIO INTERFACE TIMING – MASTER MODE
BCLK
(Output)
ADCDAT
LRC
(Output)
t
DL
DACDAT
t
DDA
t
DHT
t
DST
Figure 6 Digital Audio Data Timing
– Master Mode (see Control Interface)
Test Conditions
DCVDD=1.8V, DBVDD=AVDD1=AVDD2=3.3V, DGND=AGND1=AGND2=0V, TA=+25
oC, Master Mode, fs=48kHz,
MCLK=256fs, 24-bit data, unless otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
LRC propagation delay from BCLK falling edge
tDL
10
ns
ADCDAT propagation delay from BCLK falling edge
tDDA
25
ns
DACDAT setup time to BCLK rising edge
tDST
10
ns
DACDAT hold time from BCLK rising edge
tDHT
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com