Electronic Components Datasheet Search
  English  ▼

X  

WM8983 Datasheet(PDF) 65 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 65 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 61Page - Cirrus Logic WM8983 Datasheet HTML 62Page - Cirrus Logic WM8983 Datasheet HTML 63Page - Cirrus Logic WM8983 Datasheet HTML 64Page - Cirrus Logic WM8983 Datasheet HTML 65Page - Cirrus Logic WM8983 Datasheet HTML 66Page - Cirrus Logic WM8983 Datasheet HTML 67Page - Cirrus Logic WM8983 Datasheet HTML 68Page - Cirrus Logic WM8983 Datasheet HTML 69Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 129 page
background image
WM8983
Rev 4.6
65
LEFT AND RIGHT OUTPUT CHANNEL MIXERS
The left and right output channel mixers are shown in Figure 32. These mixers allow the AUX inputs,
the ADC bypass and the DAC left and right channels to be combined as desired. This allows a mono
mix of the DAC channels to be performed as well as mixing in external line-in from the AUX or speech
from the input bypass path.
The AUX and bypass inputs have individual volume control from -15dB to +6dB, and the DAC volume
can be adjusted in the digital domain if required. The output of these mixers is connected to the
headphone outputs (LOUT1, ROUT1, LOUT2 and ROUT2) and can optionally be connected to the
OUT3 and OUT4 mixers.
To:
LOUT1 volume ctrl,
LOUT2, volume ctrl
OUT3 mixer,
OUT4 mixer
AUXL2LMIX, R50[5]
DAC2LMIX, R50[0]
AUXL
AUXLMIXVOL, R50[8:6]
BYPL2LMIX, R50[1]
-15dB to + 6dB
DACR2LMIX, R49[5]
Right DAC output
To:
ROUT1 volume ctrl,
ROUT2, volume ctrl
OUT3 mixer,
OUT4 mixer
AUXR2RMIX, R51[5]
DACR2RMIX, R51[0]
AUXR
Output from
right channel
input boost stage
(BYPASS)
AUXRMIXVOL, R51[8:6]
BYPR2RMIX, R51[1]
BYPRMIXVOL, R51[4:2]
-15dB to + 6dB
-15dB to +6dB
Left DAC output
DACL2RMIX, R49[6]
Right DAC output
LEFT OUTPUT
CHANNEL
MIXER
RIGHT OUTPUT
CHANNEL
MIXER
Output from
left channel
input boost stage
(BYPASS)
BYPLMIXVOL, R50[4:2]
-15dB to +6dB
Left DAC output
Output from
right channel
input boost stage
(BYPASS)
BYPRMIXVOL, R51[4:2]
-15dB to +6dB
BYPR2LMIX, R43[7]
Output from
left channel
input boost stage
(BYPASS)
BYPLMIXVOL, R50[4:2]
-15dB to +6dB
BYPL2RMIX, R43[8]
Figure 32 Left/Right Output Channel Mixers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com