Electronic Components Datasheet Search
  English  ▼

X  

WM8983 Datasheet(PDF) 24 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 20Page - Cirrus Logic WM8983 Datasheet HTML 21Page - Cirrus Logic WM8983 Datasheet HTML 22Page - Cirrus Logic WM8983 Datasheet HTML 23Page - Cirrus Logic WM8983 Datasheet HTML 24Page - Cirrus Logic WM8983 Datasheet HTML 25Page - Cirrus Logic WM8983 Datasheet HTML 26Page - Cirrus Logic WM8983 Datasheet HTML 27Page - Cirrus Logic WM8983 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 129 page
background image
WM8983
24
Rev 4.6
DCVDD
AVDD1
V
pord_off
DGND
AGND1
Internal POR active
INTERNAL PORB
LO
HI
Device Ready
Internal
POR active
No Power
POR
Undefined
V
pora
V
pora_on
Figure 12 Typical Power up Sequence where DCVDD is Powered before AVDD1
Figure 12 shows a typical power-up sequence where DCVDD comes up first. First it is assumed that
DCVDD is already up to specified operating voltage. When AVDD1 goes above the minimum
threshold, Vpora, there is enough voltage for the circuit to guarantee PORB is asserted low and the chip
is held in reset. In this condition, all writes to the control interface are ignored. When AVDD1 rises to
Vpora_on, PORB is released high and all registers are in their default state and writes to the control
interface may take place.
On power down, where DCVDD falls first, PORB is asserted low whenever DCVDD drops below the
minimum threshold Vpord_off.
SYMBOL
MIN
TYP
MAX
UNIT
Vpora
0.4
0.6
0.8
V
Vpora_on
0.9
1.2
1.6
V
Vpora_off
0.4
0.6
0.8
V
Vpord_on
0.5
0.7
0.9
V
Vpord_off
0.4
0.6
0.8
V
Table 2 Typical POR Operation (Typical Simulated Values)
Notes:
1.
If AVDD1 and DCVDD suffer a brown-out (i.e. drop below the minimum recommended operating
level but do not go below Vpora_off or Vpord_off), then the chip will not reset and will resume normal
operation when the voltage is back to the recommended level again.
2.
The chip will enter reset at power down when AVDD1 or DCVDD falls below Vpora_off or Vpord_off.
This may be important if the supply is turned on and off frequently by a power management
system.
3.
The minimum tpor period is maintained even if DCVDD and AVDD1 have zero rise time. This
specification is guaranteed by design rather than test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com