Electronic Components Datasheet Search
  English  ▼

X  

WM8983 Datasheet(PDF) 35 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 31Page - Cirrus Logic WM8983 Datasheet HTML 32Page - Cirrus Logic WM8983 Datasheet HTML 33Page - Cirrus Logic WM8983 Datasheet HTML 34Page - Cirrus Logic WM8983 Datasheet HTML 35Page - Cirrus Logic WM8983 Datasheet HTML 36Page - Cirrus Logic WM8983 Datasheet HTML 37Page - Cirrus Logic WM8983 Datasheet HTML 38Page - Cirrus Logic WM8983 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 129 page
background image
WM8983
Rev 4.6
35
In order to prevent this click noise, a zero cross function is provided. When enabled, this will cause
the PGA volume to update only when a zero crossing occurs, minimising click noise as shown in
Figure 18.
Write
010100
to
R45[5:0]
R45[8]=0
Write
010100
to
R46[5:0]
R46[8]=1
Left PGA Input
Right PGA Input
Control Interface
Time
Left PGA Output
Right PGA Output
Write Right PGA Volume
with update
Write Left PGA Volume
without update
0dB Gain
6dB Gain
Zero crossings cause
volume updates
Figure 18 Volume Update Using Zero Cross Detection
If there is a long period where no zero-crossing occurs, a timeout circuit in the WM8983 will
automatically update the volume. The volume updates will occur between one and two timeout
periods, depending on when the INPPGAVU bit is set as shown in Figure 19.
Write
010100
to
R45[5:0]
R45[8]=0
Write
010100
to
R46[5:0]
R46[8]=1
Left PGA Input
Right PGA Input
Control Interface
Time
Left PGA Output
Right PGA Output
Write Right PGA Volume
with update
Write Left PGA Volume
without update
Timeout Counter
Timeout causes
volume update
Zero crossing causes
volume update
No zero crossing
Figure 19 Volume Update after Timeout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com