Electronic Components Datasheet Search
  English  ▼

X  

WM8983 Datasheet(PDF) 86 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 86 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 82Page - Cirrus Logic WM8983 Datasheet HTML 83Page - Cirrus Logic WM8983 Datasheet HTML 84Page - Cirrus Logic WM8983 Datasheet HTML 85Page - Cirrus Logic WM8983 Datasheet HTML 86Page - Cirrus Logic WM8983 Datasheet HTML 87Page - Cirrus Logic WM8983 Datasheet HTML 88Page - Cirrus Logic WM8983 Datasheet HTML 89Page - Cirrus Logic WM8983 Datasheet HTML 90Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 129 page
background image
WM8983
86
Rev 4.6
AUDIO INTERFACE CONTROL
The register bits controlling audio format, word length and master / slave mode are summarised
below.
Register bit MS selects audio interface operation in master or slave mode. In Master mode, BCLK and
LRC are outputs. The frequencies of BCLK and LRC in master mode are controlled using MCLKDIV;
these clocks are divided down versions of PLL output clock (SYSCLK). The MCLKDIV default setting
provides a SYSCLK/256 division rate for the LRC output clock.
It is possible to divide down the BCLK rate using BCLKDIV; care must be taken in choosing the
correct BCLKDIV rate to maintain sufficient BCLK pulses per LRC period for the chosen data word
length. The BCLKDIV default setting provides a BCLK = SYSCLK clock.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6
Clock
Generation
Control
0
MS
0
Sets the chip to be master over LRC and
BCLK
0=BCLK and LRC clock are inputs
(Slave mode)
1=BCLK and LRC clock are outputs
generated by the WM8983 (Master
mode)
4:2
BCLKDIV
000
Configures the BCLK and LRC output
frequency, for use when the chip is in
Master mode.
000=divide by 1 (BCLK=SYSCLK)
001=divide by 2 (BCLK=SYSCLK/2)
010=divide by 4
011=divide by 8
100=divide by 16
101=divide by 32
110=reserved
111=reserved
7:5
MCLKDIV
010
Sets the division for either the MCLK or
PLL clock output (selected by CLKSEL)
000=divide by 1
001=divide by 1.5
010=divide by 2
011=divide by 3
100=divide by 4
101=divide by 6
110=divide by 8
111=divide by 12
8
CLKSEL
1
Controls the source of the clock for all
internal operation:
0=MCLK
1=PLL output
Table 56 Clock Control
The CKLSEL bit selects the internal source of the Master clock from the PLL (CLKSEL=1) or from
MCLK (CLKSEL=0). When the internal clock is switched from one source to another using the
CLKSEL bit, the clock originally selected must generate at least one falling edge after the CLKSEL
has changed for the switching of clocks to be successful. For example the sequence for switching
between the PLL and MCLK should be:
1.
Change CLKSEL 1 -> 0
2.
Wait for at least one falling edge from PLL generated clock
3.
Disable the PLL (PLLEN=0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com