Electronic Components Datasheet Search
  English  ▼

X  

WM8983 Datasheet(PDF) 14 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 10Page - Cirrus Logic WM8983 Datasheet HTML 11Page - Cirrus Logic WM8983 Datasheet HTML 12Page - Cirrus Logic WM8983 Datasheet HTML 13Page - Cirrus Logic WM8983 Datasheet HTML 14Page - Cirrus Logic WM8983 Datasheet HTML 15Page - Cirrus Logic WM8983 Datasheet HTML 16Page - Cirrus Logic WM8983 Datasheet HTML 17Page - Cirrus Logic WM8983 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 129 page
background image
WM8983
14
Rev 4.6
TERMINOLOGY
1.
Full-scale input and output levels scale in relation to AVDD or AVDD2 depending upon the input or output used. For example,
when AVDD = 3.3V, 0dBFS = 1Vrms (0dBV). When AVDD < 3.3V the absolute level of 0dBFS will decrease with a linear
relationship to AVDD.
2.
Input level to RIP and LIP in differential configurations is limited to a maximum of -3dB or performance will be reduced.
3.
Signal-to-noise ratio (dBFS)
– SNR is the difference in level between a reference full scale output signal and the device output
with no signal applied. This ratio is also called idle channel noise. (No Auto-zero or Automute function is employed in achieving
these results).
4.
Total Harmonic Distortion (dBFS)
– THD is the difference in level between a reference full scale output signal and the first
seven odd harmonics of the output signal. To calculate the ratio, the fundamental frequency of the output signal is notched out
and an RMS value of the next seven harmonics is calculated.
5.
Total Harmonic Distortion plus Noise (dBFS)
– THD+N is the difference in level between a reference full scale output signal
and the sum of the harmonics, wide-band noise and interference on the output signal. To calculate the ratio, the fundamental
frequency of the output signal is notched out and an RMS value of the total harmonics, wide-band noise and interference is
calculated.
6.
Channel Separation (dB)
– Also known as Cross-Talk. This is a measure of the amount one channel is isolated from the other.
Normally measured by sending a full scale signal down one channel and measuring the other.
7.
The maximum output voltage can be limited by the speaker power supply. If SPKBOOST is set, then AVDD2 should be
1.5xAVDD to prevent clipping taking place in the output stage (when PGA gains are set to 0dB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com