Electronic Components Datasheet Search
  English  ▼

X  

WM8983 Datasheet(PDF) 96 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 96 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 92Page - Cirrus Logic WM8983 Datasheet HTML 93Page - Cirrus Logic WM8983 Datasheet HTML 94Page - Cirrus Logic WM8983 Datasheet HTML 95Page - Cirrus Logic WM8983 Datasheet HTML 96Page - Cirrus Logic WM8983 Datasheet HTML 97Page - Cirrus Logic WM8983 Datasheet HTML 98Page - Cirrus Logic WM8983 Datasheet HTML 99Page - Cirrus Logic WM8983 Datasheet HTML 100Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 129 page
background image
WM8983
96
Rev 4.6
POWER MANAGEMENT
SAVING POWER BY REDUCING OVERSAMPLING RATE
The default mode of operation of the ADC and DAC digital filters is in 64x oversampling mode. Under
the control of ADCOSR128 and DACOSR128, the oversampling rate may be doubled. 64x
oversampling results in a slight decrease in noise performance compared to 128x but lowers the
power consumption of the device.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10
DAC control
3
DACOSR128
0
DAC oversample rate select
0 = 64x (lowest power)
1 = 128x (best performance)
R14
ADC control
3
ADCOSR128
0
ADC oversample rate select
0 = 64x (lowest power)
1 = 128x (best performance)
Table 66 ADC and DAC Oversampling Rate Selection
VMID
The analogue circuitry will not operate unless VMID is enabled. The impedance of the VMID resistor
string, together with the decoupling capacitor on the VMID pin will determine the start-up time of the
VMID circuit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1
Power
management 1
1:0
VMIDSEL
00
Reference string impedance to VMID pin
(Determines startup time):
00 = off (250kΩ VMID to AGND1)
01 = 100kΩ
10 = 500kΩ
11 = 10kΩ total (for fast start-up)
Table 67 VMID Impedance Control
BIASEN
The analogue amplifiers will not operate unless BIASEN is enabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1
Power
management 1
3
BIASEN
0
Analogue amplifier bias control
0 = disabled
1 = enabled
Table 68 Analogue Bias Control
BIAS CONTROL
Control of the analog bias values is possible using BIASCUT.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R61
Bias control
8
BIASCUT
0
Global bias control
0 = normal
1 = 0.5x
7:0
000 0000
Reserved
Table 69 Analogue Bias Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com