Electronic Components Datasheet Search
  English  ▼

X  

WM8983 Datasheet(PDF) 121 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 121 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 117Page - Cirrus Logic WM8983 Datasheet HTML 118Page - Cirrus Logic WM8983 Datasheet HTML 119Page - Cirrus Logic WM8983 Datasheet HTML 120Page - Cirrus Logic WM8983 Datasheet HTML 121Page - Cirrus Logic WM8983 Datasheet HTML 122Page - Cirrus Logic WM8983 Datasheet HTML 123Page - Cirrus Logic WM8983 Datasheet HTML 124Page - Cirrus Logic WM8983 Datasheet HTML 125Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 129 page
background image
WM8983
Rev 4.6
121
5-BAND EQUALISER
The WM8983 has a 5-band equaliser which can be applied to either the ADC path or the DAC path.
The plots from Figure 64 to Figure 77 show the frequency responses of each filter with a sampling
frequency of 48kHz, firstly showing the different cut-off/centre frequencies with a gain of
12dB, and
secondly a sweep of the gain from -12dB to +12dB for the lowest cut-off/centre frequency of each
filter.
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
-15
-10
-5
0
5
10
15
Frequency (Hz)
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
-15
-10
-5
0
5
10
15
Frequency (Hz)
Figure 64 EQ Band 1 Low Frequency Shelf Filter Cut-offs
Figure 65 EQ Band 1 Gains for Lowest Cut-off Frequency
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
-15
-10
-5
0
5
10
15
Frequency (Hz)
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
-15
-10
-5
0
5
10
15
Frequency (Hz)
Figure 66 EQ Band 2
– Peak Filter Centre Frequencies,
EQ2BW=0
Figure 67
EQ Band 2
– Peak Filter Gains for Lowest
Cut-off Frequency, EQ2BW=0
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
-15
-10
-5
0
5
10
15
Frequency (Hz)
Figure 68 EQ Band 2
– EQ2BW=0, EQ2BW=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com