Electronic Components Datasheet Search
  English  ▼

X  

DP83261 Datasheet(PDF) 119 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261 Datasheet(HTML) 119 Page - National Semiconductor (TI)

Back Button DP83261 Datasheet HTML 115Page - National Semiconductor (TI) DP83261 Datasheet HTML 116Page - National Semiconductor (TI) DP83261 Datasheet HTML 117Page - National Semiconductor (TI) DP83261 Datasheet HTML 118Page - National Semiconductor (TI) DP83261 Datasheet HTML 119Page - National Semiconductor (TI) DP83261 Datasheet HTML 120Page - National Semiconductor (TI) DP83261 Datasheet HTML 121Page - National Semiconductor (TI) DP83261 Datasheet HTML 122Page - National Semiconductor (TI) DP83261 Datasheet HTML 123Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 132 page
background image
80 Electrical Characteristics (Continued)
Test Conditions for AC Testing
VIH
30V
VIL
00V
VOH
15V
VOL
15V
IOL
80 mA (ACK INT)
CL
50 pF
AC Signal Testing
TLF10387 – 35
Note
All setup and hold testing is done on single edges only (ie no combined setuphold testing is done for pulse signals This implies that the signal makes only
one single low to high or high to low transition per cycle)
FIGURE 8-8 AC Signal Testing
TRI-STATE Timing
TLF10387 – 36
FIGURE 8-9 TRI-STATE Timing
119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com