Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM4677
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 4 Page - Analog Devices

  LTM4677 Datasheet HTML 1Page - Analog Devices LTM4677 Datasheet HTML 2Page - Analog Devices LTM4677 Datasheet HTML 3Page - Analog Devices LTM4677 Datasheet HTML 4Page - Analog Devices LTM4677 Datasheet HTML 5Page - Analog Devices LTM4677 Datasheet HTML 6Page - Analog Devices LTM4677 Datasheet HTML 7Page - Analog Devices LTM4677 Datasheet HTML 8Page - Analog Devices LTM4677 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 116 page
background image
LTC3883/LTC3883-1
4
Rev. F
For more information www.analog.com
VIN, SW...................................................... –0.3V to 28V
Topside Driver Voltage (BOOST)................ –0.3V to 34V
Switch Transient Voltage (SW) ..................... –5V to 28V
EXTVCC, INTVCC, BG, (BOOST – SW) ......... –0.3V to 6V
VSENSE+, ISENSE+, ISENSE–............................. –0.3V to 6V
RUN, SDA, SCL, ALERT............................. –0.3V to 5.5V
FREQ_CFG, VOUT_CFG, VTRIM_CFG,
ASEL, VDD25............................................ –0.3V to 2.75V
VSENSE–..................................................... –0.3V to 0.3V
(VIN_SNS – VIN), (VIN – IIN_SNS) ................ –0.3V to 0.3V
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3883EUH#PBF
LTC3883EUH#TRPBF
3883
32-Lead (5mm × 5mm) Plastic QFN
–40°C to 105°C
LTC3883IUH#PBF
LTC3883IUH#TRPBF
3883
32-Lead (5mm × 5mm) Plastic QFN
–40°C to 125°C
LTC3883EUH-1#PBF
LTC3883EUH-1#TRPBF
38831
32-Lead (5mm × 5mm) Plastic QFN
–40°C to 105°C
LTC3883IUH-1#PBF
LTC3883IUH-1#TRPBF
38831
32-Lead (5mm × 5mm) Plastic QFN
–40°C to 125°C
ABSOLUTE MAXIMUM RATINGS
LTC3883
LTC3883-1
32 31 30 29 28 27 26 25
9 10 11 12
TOP VIEW
33
GND
UH PACKAGE
32-LEAD (5mm
× 5mm) PLASTIC QFN
13 14 15 16
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
VIN_SNS
IIN_SNS
ISENSE+
ISENSE–
SYNC
SCL
SDA
ALERT
BOOST
TG
SW
VDD33
SHARE_CLK
WP
VDD25
VTRIM_CFG
TJMAX = 125°C, θJA = 44°C/W, θJC = 7.3°C/W
EXPOSED PAD (PIN 33) IS GND, MUST BE SOLDERED TO PCB
32 31 30 29 28 27 26 25
9 10 11 12
TOP VIEW
33
GND
UH PACKAGE
32-LEAD (5mm
× 5mm) PLASTIC QFN
13 14 15 16
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
VIN_SNS
IIN_SNS
ISENSE+
ISENSE–
SYNC
SCL
SDA
ALERT
BOOST
TG
SW
VDD33
SHARE_CLK
WP
VDD25
VTRIM_CFG
TJMAX = 125°C, θJA = 44°C/W, θJC = 7.3°C/W
EXPOSED PAD (PIN 33) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
(Note 1)
PGOOD, GPIO, SHARE_CLK, ITH,
VDD33, SYNC, WP ..................................... –0.3V to 3.6V
INTVCC Peak Output Current................................100mA
Operating Junction Temperature Range
(Note 2)................................................ –40°C to 125°C*
Storage Temperature Range ................ –65°C to 150°C*
*See Derating EEPROM Retention at Temperature in the
ApplicationsInformationSectionforJunctionTemperatures
in Excess of 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com