Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 12 Page - Analog Devices

Part # LTM4677
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 8Page - Analog Devices LTM4677 Datasheet HTML 9Page - Analog Devices LTM4677 Datasheet HTML 10Page - Analog Devices LTM4677 Datasheet HTML 11Page - Analog Devices LTM4677 Datasheet HTML 12Page - Analog Devices LTM4677 Datasheet HTML 13Page - Analog Devices LTM4677 Datasheet HTML 14Page - Analog Devices LTM4677 Datasheet HTML 15Page - Analog Devices LTM4677 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 116 page
background image
LTC3883/LTC3883-1
12
Rev. F
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT Command INL
VOUT Command DNL
INTVCC Line Regulation
VOUT OV Threshold
vs Temperature (1V Target)
VOUT OV Threshold
vs Temperature (2V Target)
VOUT OV Threshold
vs Temperature (4V Target)
VOUT (V)
–1.0
0
1.0
2.0
–0.5
0.5
1.5
1.5
2.5
3.5
4.5
3883 G19
5.5
1
0.5
2
3
4
5
VOUT (V)
–0.3
–0.1
0.1
0.3
–0.2
0
0.2
1.5
2.5
3.5
4.5
3883 G20
5.5
1
0.5
2
3
4
5
VIN (V)
5
4.50
4.75
5.25
20
3883 G21
4.25
4.00
10
15
25
3.75
3.50
5.00
TEMPERATURE (°C)
–50
0.990
0.995
1.000
1.005
1.010
–25
0
25
50
3883 G22
75 100 125 150
TEMPERATURE (°C)
–50
1.97
1.98
1.99
2.00
2.01
0
50
100
150
3883 G23
2.02
2.03
–25
25
75
125
TEMPERATURE (°C)
–50
3.96
3.97
3.98
3.99
4.00
0
50
100
150
3883 G24
4.02
4.01
4.03
4.04
–25
25
75
125
External Temperature Error
vs Temperature
IOUT Error vs IOUT Room
Temperature
IIN Error vs IIN Room Temperature
TEMPERATURE (°C)
–50
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
0
50
75
3883 G25
–0.6
0.6
0.8
0.2
–25
25
100 125
OUTPUT CURRENT (A)
0
0
2
4
20
3883 G26
–2
–4
–8
5
10
15
–6
8
6
INPUT CURRENT (A)
0
0
1
2
3883 G27
–1
–2
–3
1
2
3
4
5
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com